Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

BGA6589 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # BGA6589
Description  MMIC wideband medium power amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BGA6589 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button BGA6589 Datasheet HTML 4Page - NXP Semiconductors BGA6589 Datasheet HTML 5Page - NXP Semiconductors BGA6589 Datasheet HTML 6Page - NXP Semiconductors BGA6589 Datasheet HTML 7Page - NXP Semiconductors BGA6589 Datasheet HTML 8Page - NXP Semiconductors BGA6589 Datasheet HTML 9Page - NXP Semiconductors BGA6589 Datasheet HTML 10Page - NXP Semiconductors BGA6589 Datasheet HTML 11Page - NXP Semiconductors BGA6589 Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2003 Sep 19
8
Philips Semiconductors
Product specification
MMIC wideband medium power amplifier
BGA6589
handbook, halfpage
NF
(dB)
0
1500
500
2000
2500
f (MHz)
1000
0
5
3
4
1
2
MGX415
Fig.9
Noise figure as a function of frequency;
typical values.
IS = 84 mA; VS = 9 V; ZO =50 Ω.
handbook, halfpage
K
0
1500
500
2000
2500
f (MHz)
1000
0
5
3
4
1
2
MGX416
Fig.10 Stability factor as a function of frequency;
typical values.
IS = 84 mA; VS = 9 V; ZO =50 Ω.
handbook, halfpage
Is
(mA)
−40
40
−20
0
60
80
Tj (°C)
20
60
100
90
70
80
MGX417
Fig.11 Supply current as a function of operating
junction temperature; typical values.
VS = 8 V; Rbias =51 Ω.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com