Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT1397 Datasheet(PDF) 7 Page - Linear Technology

Part # LT1397
Description  Single/Dual Operational Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1397 Datasheet(HTML) 7 Page - Linear Technology

Back Button LT1397 Datasheet HTML 3Page - Linear Technology LT1397 Datasheet HTML 4Page - Linear Technology LT1397 Datasheet HTML 5Page - Linear Technology LT1397 Datasheet HTML 6Page - Linear Technology LT1397 Datasheet HTML 7Page - Linear Technology LT1397 Datasheet HTML 8Page - Linear Technology LT1397 Datasheet HTML 9Page - Linear Technology LT1397 Datasheet HTML 10Page - Linear Technology LT1397 Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
7
LT1818/LT1819
18189f
TYPICAL PERFOR A CE CHARACTERISTICS
Output Current vs Temperature
Output Impedance vs Frequency
Output Short-Circuit Current
vs Temperature
Gain Bandwidth and Phase
Margin vs Temperature
Gain and Phase vs Frequency
Gain vs Frequency, AV = 1
Gain vs Frequency, AV = 2
TEMPERATURE (
°C)
–50
160
200
240
25
75
18189 G10
120
80
–25
0
50
100
125
40
0
SOURCE
SINK
VS = ± 5V
VIN = ±1V
TEMPERATURE (˚C)
–50
100
125
150
25
75
18189 G11
75
50
–25
0
50
100
125
25
0
∆VOS = 30mV
VOUT = ±3V FOR VS = ±5V
VOUT = ±1V FOR VS = ±2.5V
SOURCE, VS = ±5V
SINK, VS = ±5V
SOURCE, VS = ±2.5V
SINK, VS = ±2.5V
FREQUENCY (Hz)
10k
100k
0.01
0.1
100
1M
10M
100M
18189 G12
1
10
AV = 100
AV = 10
AV = 1
TA = 25°C
VS = ± 5V
FREQUENCY (Hz)
10k
20
30
40
50
60
100k
1M
500M
100M
10M
18189 G13
10
0
–10
–20
70
80
60
80
100
120
140
40
20
0
–20
160
180
TA = 25°C
AV = –1
RL = 500Ω
GAIN
PHASE
TEMPERATURE (
°C)
–50
–25
440
0
50
75
18189 G15
30
50
40
400
360
25
100
125
GBW
VS = ± 5V
GBW
VS = ±2.5V
RL = 500Ω
PHASE MARGIN
VS = ±2.5V
PHASE MARGIN
VS = ±5V
FREQUENCY (Hz)
1M
–5
0
10M
100M
500M
18189 G16
–10
5
TA = 25°C
AV = 1
RL = 500Ω
VS = ±2.5V
VS = ±5V
FREQUENCY (Hz)
1M
10M
100M
300M
18189 G17
5
0
–5
–10
10
TA = 25°C
AV = 2
VS = ±5V
RF = RG = 500Ω
CF = 1pF
RL = 500Ω
RL = 100Ω
Gain vs Frequency, AV = – 1
FREQUENCY (Hz)
1M
–5
0
10M
100M
300M
18189 G18
–10
5
TA = 25°C
AV = –1
RL = RF = RG = 500Ω
VS = ±2.5V
VS = ±5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com