Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M68AW031AM70N6U Datasheet(PDF) 13 Page - STMicroelectronics

Part # M68AW031AM70N6U
Description  256 Kbit (32K x8) 3.0V Asynchronous SRAM
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M68AW031AM70N6U Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M68AW031AM70N6U Datasheet HTML 9Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 10Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 11Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 12Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 13Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 14Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 15Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 16Page - STMicroelectronics M68AW031AM70N6U Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
13/19
M68AW031A
Table 8. Write Mode AC Characteristics
Note: 1. At any given temperature and voltage condition, tWLQZ is less than tWHQX for any given device.
2. These parameters are defined as the time at which the outputs achieve the open circuit conditions and are not referenced to output
voltage levels.
Symbol
Parameter
M68AW031A
Unit
70
tAVAV
Write Cycle Time
Min
70
ns
tAVEH
Address Valid to Chip Enable High
Min
60
ns
tAVEL
Address valid to Chip Enable Low
Min
0
ns
tAVWH
Address Valid to Write Enable High
Min
60
ns
tAVWL
Address Valid to Write Enable Low
Min
0
ns
tDVEH
Input Valid to Chip Enable High
Min
30
ns
tDVWH
Input Valid to Write Enable High
Min
30
ns
tEHAX
Chip Enable High to Address Transition
Min
0
ns
tEHDX
Chip enable High to Input Transition
Min
0
ns
tELEH
Chip Enable Low to Chip Enable High
Min
60
ns
tELWH
Chip Enable Low to Write Enable High
Min
60
ns
tWHAX
Write Enable High to Address Transition
Min
0
ns
tWHDX
Write Enable High to Input Transition
Min
0
ns
tWHQX
(1)
Write Enable High to Output Transition
Min
5
ns
tWLEH
Write Enable Low to Chip Enable High
Min
60
ns
tWLQZ
(1,2)
Write Enable Low to Output Hi-Z
Max
25
ns
tWLWH
Write Enable Low to Write Enable High
Min
60
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com