Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CAT34RC02SP2ITE13 Datasheet(PDF) 1 Page - Catalyst Semiconductor

Part # CAT34RC02SP2ITE13
Description  2-kb I2C Serial EEPROM, Serial Presence Detect
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CATALYST [Catalyst Semiconductor]
Direct Link  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34RC02SP2ITE13 Datasheet(HTML) 1 Page - Catalyst Semiconductor

  CAT34RC02SP2ITE13 Datasheet HTML 1Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 2Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT34RC02SP2ITE13 Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
CAT34RC02
2-kb I2C Serial EEPROM, Serial Presence Detect
* Catalyst Semiconductor is licensed by Philips Corporation to carry the I2C Bus Protocol.
PIN CONFIGURATION
FUNCTIONAL SYMBOL
DIP Package (P, L)
TSSOP Package (U, Y)
SOIC Package (J, W)
FEATURES
I 400 kHz I2C bus compatible*
I 1.7 to 5.5 volt operation
I 16-byte page write buffer
I Hardware write protection for entire memory
I Permanent and reversible software write
protection for lower 128 bytes
I Schmitt trigger on SCL and SDA inputs
I Low power CMOS technology
I 1,000,000 program/erase cycles
I 100 year data retention
I 8-pin DIP, SOIC, TSSOP and TDFN packages
I Industrial and extended temperature ranges
DESCRIPTION
The CAT34RC02 is a 2-kb Serial CMOS EEPROM
internally organized as 256 words of 8 bits each. Catalyst’s
advanced CMOS technology substantially reduces
device power requirements. The CAT34RC02 features
a 16-byte page write buffer. The device operates via the
I2C bus serial interface and is available in 8-pin DIP,
SOIC, TSSOP and TDFN packages.
© 2004 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Doc No. 1052, Rev. I
A2
A0
A1
VSS
A0
VCC
WP
SCL
SDA
1
2
3
4
8
7
6
5
1
2
3
4
8
7
6
5
A1
A2
VSS
VCC
WP
SCL
SDA
8
7
6
5
VCC
WP
SCL
SDA
A2
A0
A1
VSS
1
2
3
4
ALO
GEN FR
TM
LEAD FREE
TDFN Package (SP2, VP2)
PIN FUNCTIONS
Pin Name
Function
A0, A1, A2
Device Address Inputs
SDA
Serial Data/Address
SCL
Serial Clock
WP
Write Protect
VCC
1.7 V to 5.5 V Power Supply
VSS
Ground
8
7
6
5
1
2
3
4
A0
A1
A2
VSS
VCC
WP
SCL
SDA
VCC
VSS
SDA
SCL
WP
CAT34RC02
A2, A1, A0


Similar Part No. - CAT34RC02SP2ITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34RC02SP2ITE13 CATALYST-CAT34RC02SP2ITE13 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34RC02SP2ITE13REV-E CATALYST-CAT34RC02SP2ITE13REV-E Datasheet
445Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
More results

Similar Description - CAT34RC02SP2ITE13

ManufacturerPart #DatasheetDescription
logo
Catalyst Semiconductor
CAT34WC02 CATALYST-CAT34WC02 Datasheet
49Kb / 10P
2K-Bit I2C Serial EEPROM, Serial Presence Detect
34RC02 CATALYST-34RC02 Datasheet
445Kb / 16P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34FC02 CATALYST-CAT34FC02 Datasheet
451Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
STMicroelectronics
M34C02-W STMICROELECTRONICS-M34C02-W Datasheet
256Kb / 31P
2 Kbit Serial I짼C Bus EEPROM for DIMM serial presence detect
11-Apr-2006
logo
Catalyst Semiconductor
CAT34RC02 CATALYST-CAT34RC02_05 Datasheet
666Kb / 14P
2-kb I2C Serial EEPROM, Serial Presence Detect
CAT34WC02 CATALYST-CAT34WC02_05 Datasheet
275Kb / 10P
2-kb I2C Serial EEPROM, Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02_11 Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02VP2IGT4A ONSEMI-CAT34C02VP2IGT4A Datasheet
171Kb / 14P
2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com