Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2SC5914 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # 2SC5914
Description  Silicon NPN triple diffusion mesa type
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

2SC5914 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  2SC5914 Datasheet HTML 1Page - Panasonic Semiconductor 2SC5914 Datasheet HTML 2Page - Panasonic Semiconductor 2SC5914 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2SC5914
2
SJD00310BED
PC  Ta
IC  VCE
IC  VBE
VCE(sat)  IC
hFE  IC
tf  IB1(END)
tstg  IB1(END)
Area of safe operation
Area of safe operation (Horizontal operation)
80
60
40
20
0
0
50
100
150
Ambient temperature T
a (°C)
(1)
(3)
(2)
(1) TC
= T
a
(2) With a 100
× 100 × 2 mm
Al heat sink
(3) Without heat sink
0
2
4
6
8
10
02
4
68
10
IB
= 2.0 A
1.6 A
1.4 A
1.2 A
1.0 A
0.8 A
0.6 A
0.4 A
0.2 A
0 A
1.8 A
Collector-emitter voltage V
CE (V)
0
4
8
12
0
0.4
0.8
1.2
VCE
= 5 V
Ta
= 120°C
−40°C
25
°C
Base-emitter voltage V
BE (V)
10 2
10 1
1
10
10 1
110
IC / IB
= 4
Ta
= 120°C
−40°C
25
°C
Collector current I
C (A)
10 1
1
10
102
10 1
110
Ta
= 120°C
−40°C
25
°C
VCE
= 5 V
Collector current I
C (A)
Base current I
B1(END) (A)
0
200
400
600
800
1 000
0.4
0.8
1.2
1.6
2.0
IC
= 6.3 A
L load
0
0.4
0.8
1.2
1.6
2.0
0.4
0.8
1.2
1.6
2.0
IC
= 6.3 A
L load
Base current I
B1(END) (A)
Collector-emitter voltage V
CE (V)
10 1
10 2
10 3
10
1
102
110
102
103
ICP
IC
DC
t
= 100 µs
1 ms
10 ms
Non repetitive pulse
TC
= 25°C
VCEO max.
30
25
20
15
10
5
0
01 000
500
1 500
2 000
Collector-emitter voltage V
CE (V)
< 1 mA
fH
= 64 kHz, T
C
< 90°C
ASO for a single
pulse load caused by
EHT flashover during
horizontal operation.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com