Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC0807LCN Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DAC0807LCN
Description  8-Bit D/A Converters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DAC0807LCN Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DAC0807LCN Datasheet HTML 1Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 2Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 3Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 4Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 5Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 6Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 7Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 8Page - National Semiconductor (TI) DAC0807LCN Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLH5687
January 1995
DAC0808DAC0807DAC0806 8-Bit DA Converters
General Description
The DAC0808 series is an 8-bit monolithic digital-to-analog
converter (DAC) featuring a full scale output current settling
time of 150 ns while dissipating only 33 mW with g5V sup-
plies No reference current (IREF) trimming is required for
most applications since the full scale output current is typi-
cally g1 LSB of 255 IREF 256 Relative accuracies of bet-
ter than g019% assure 8-bit monotonicity and linearity
while zero level output current of less than 4 mA provides
8-bit zero accuracy for IREFt2 mA The power supply cur-
rents of the DAC0808 series are independent of bit codes
and exhibits essentially constant device characteristics over
the entire supply voltage range
The DAC0808 will interface directly with popular TTL DTL
or CMOS logic levels and is a direct replacement for the
MC1508MC1408
For higher speed applications
see
DAC0800 data sheet
Features
Y
Relative accuracy g019% error maximum (DAC0808)
Y
Full scale current match g1 LSB typ
Y
7 and 6-bit accuracy available (DAC0807 DAC0806)
Y
Fast settling time 150 ns typ
Y
Noninverting digital inputs are TTL and CMOS compati-
ble
Y
High speed multiplying input slew rate 8 mA ms
Y
Power supply voltage range g45V to g18V
Y
Low power consumption 33 mW
g
5V
Block and Connection Diagrams
TLH5687 1
Dual-In-Line Package
TLH5687 2
Small-Outline Package
TLH5687 13
Top View
Ordering Information
ACCURACY
OPERATING TEMPERATURE
ORDER NUMBERS
RANGE
J PACKAGE (J16A)
N PACKAGE (N16A)
SO PACKAGE (M16A)
DAC0808LCN MC1408P8
DAC0808LCM
7-bit
0 CsTAsa75 C
DAC0807LCJ MC1408L7 DAC0807LCN MC1408P7
DAC0807LCM
6-bit
0 CsTAsa75 C
DAC0806LCJ MC1408L6 DAC0806LCN MC1408P6
DAC0806LCM
Note
Devices may be ordered by using either order number
Order Number
DAC0808 DAC0807
or DAC0806
See NS Package
Number J16A
M16A or N16A
C1995 National Semiconductor Corporation
RRD B30M115Printed in U S A


Similar Part No. - DAC0807LCN

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
DAC0807LCN NSC-DAC0807LCN Datasheet
222Kb / 10P
8-Bit D/A Converters
More results

Similar Description - DAC0807LCN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
187Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
Intersil Corporation
AD7523 INTERSIL-AD7523 Datasheet
99Kb / 9P
8-Bit, Multiplying D/A Converters
August 1997
logo
NXP Semiconductors
ADC0803 PHILIPS-ADC0803 Datasheet
154Kb / 18P
CMOS 8-bit A/D converters
2002 Oct 17
logo
List of Unclassifed Man...
ADC-305 ETC-ADC-305 Datasheet
193Kb / 6P
8-Bit, 20MHz CMOS A/D Converters
logo
Integrated Circuit Syst...
MN5120 ICST-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
National Semiconductor ...
DAC0807 NSC-DAC0807 Datasheet
222Kb / 10P
8-Bit D/A Converters
logo
List of Unclassifed Man...
MN5100 ETC1-MN5100 Datasheet
1Mb / 6P
High-speed 8-bit A/D Converters
logo
API Technologies Corp
MN3000 APITECH-MN3000 Datasheet
1Mb / 4P
High-accuracy 8-bit D/A Converters
MN5120 APITECH-MN5120 Datasheet
1Mb / 8P
8-bit A/D Converters
logo
Texas Instruments
ADCS7476 TI1-ADCS7476 Datasheet
1Mb / 33P
8-Bit A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com