Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

CS61574A-IP1 Datasheet(PDF) 34 Page - Cirrus Logic

Part # CS61574A-IP1
Description  T1/E1 LINE INTERFACE
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS61574A-IP1 Datasheet(HTML) 34 Page - Cirrus Logic

Back Button CS61574A-IP1 Datasheet HTML 30Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 31Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 32Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 33Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 34Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 35Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 36Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 37Page - Cirrus Logic CS61574A-IP1 Datasheet HTML 38Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 44 page
background image
POWER SUPPLY
As shown on the evaluation board schematic in
Figure 1, power is supplied to the evaluation
board from an external +5 Volt supply connected
to the two binding posts labeled +5V and GND.
Transient suppressor D10 protects the compo-
nents on the board from over-voltage damage and
reversed supply connections. The recommended
power supply decoupling is provided by C1, C2
and C3. Ceramic capacitor C1 and electrolytic ca-
pacitor C2 are used to decouple RV+ to RGND.
Capacitor C3 decouples TV+ to TGND. The TV+
and RV+ power supply traces are connected at the
device socket U1. A ground plane on the compo-
nent side of the evaluation board insures optimum
performance.
BOARD CONFIGURATION
Pins on line interface device U1 with more than
one pin name have different functions depending
on the operating mode selected. Pin names not
enclosed in parenthesis or square brackets de-
scribe the Hardware mode pin function. Pin
names enclosed in parenthesis describe the Ex-
tended Hardware mode pin function. Pin names
enclosed in square brackets describe the Host
mode pin function.
Table 1 explains how to configure the evaluation
board jumpers depending on the device installed
and the desired operating mode. Mode selection
is accomplished with slide switch SW1 and jump-
e rs JP2 , JP6, and JP7 . The CS61 535 A,
CS61574A, CS61575, CS61577, CS61304A, and
CS61305A support the Hardware, Extended
Hardware, and Host operating modes. The
CS61534, CS61535, and CS61574 support the
Hardware and Host operating modes. The
CS6158 and CS6158A only support the Hardware
operating mode.
Hardware Mode
In the Hardware operating mode, the line inter-
face is configured using DIP switch S2. The digi-
tal control inputs to the device selected by S2 in-
clude: transmit all ones (TAOS), local loopback
(LLOOP), remote loopback (RLOOP), and trans-
mit line length selection (LEN2,LEN1,LEN0).
Closing a DIP switch on S2 towards the label sets
the device control pin of the same name to logic 1
(+5 Volts). Note that S2 switch positions TCODE
and RCODE have no function in Hardware mode.
In addition, the host processor interface connector
JP1 should not be used in the Hardware mode.
Two LED status indicators are provided in Hard-
ware mode. The LED labeled DPM (AIS) illumi-
nates when the line interface asserts the Driver
JUMPER
POSITION
FUNCTION SELECTED
JP1
-
Connector for external processor in Host operating mode.
JP2, JP6, JP7
A-A
Extended Hardware operating mode.
B-B
Hardware or Host operating modes.
JP3
IN
Hardware or Extended Hardware operating modes.
OUT
Host operating mode.
JP4
C-C
Connects the ACLKI BNC input to pin 1 of device.
D-D
Grounds the ACLKI BNC input through 51
Ω resistor R1.
JP5
E-E
Transmit line connection for all applications except those listed for "F-F" on the next line.
F-F
75
Ω coax E1 applications using the Schott 12932/12532 or PE-65389/65566 at transformer T1.
JP8
IN
Shorts resistor R2 for all applications except those listed for "OUT" on the next line.
OUT
Inserts resistor R2 for 75
Ω coax E1 applications using the CS61534, 35, 58, 74, or 77.
Table 1. Evaluation Board Jumper Settings
LINE INTERFACE EVALUATION BOARD
34
DS40DB3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com