Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F862DP824M310 Datasheet(PDF) 1 Page - Kemet Corporation

Part # F862DP824M310
Description  Metallized Polypropylene Film Capacitors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

F862DP824M310 Datasheet(HTML) 1 Page - Kemet Corporation

  F862DP824M310 Datasheet HTML 1Page - Kemet Corporation F862DP824M310 Datasheet HTML 2Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Electronic Components
Metallized Polypropylene
Film Capacitors
F862 Series for Harsh Environmental Conditions
Class X2, 310 VAC
Applications
Across-the-line EMI filtering and connection in series with the mains
for high stability grade applications in severe ambient conditions:
• Capacitive power supplies
• Energy meters
• DC applications
• Industrial
• Automotive
Overview
X2 rated capacitors such as the F862 Series are required to achieve a stable performance during
operational life while meeting safety requirements. The metallized film dielectric is a key factor
with regards to the safety aspect. For example, the polypropylene dielectric provides excellent
self-healing characteristics. However, improvements were necessary to maintain stability in high
temperature and high humidity environments. KEMET recognized this challenges and researched
materials that would produce more robust parts for extreme applications. As a result, improvements
to all of the major capacitor components have been implemented, including the metallization layer,
the film used as the dielectric, the resin which fills the package, and the box (or case). With these
changes, the F862 offers very high capacitance stability while still meeting ENEC, CUL and CQC
international safety requirements.
Features & Benefits
• High capacitance and dissipation factor stability
even in severe ambient conditions such as
high temperature and relative humidity
• Qualification based on AEC-Q200 guidelines
• Approvals: ENEC, UL, cUL, CQC
• Lead spacing of 15.0 – 27.5 mm
• Operating temperature range of -40˚C
to +110˚C
• Climatic category: 40/110/56, IEC 60068-1
• RoHS compliant and lead-free terminations
• 100% screening factory test at 1,900 VDC
• Tape in accordance with IEC 60286-2
• THB test at 85°C, 85% RH and 240 VAC for
1,000 hours
Product Checklist
• Does your product use AC line power supply?
• What is the nominal AC line voltage?
• What is the circuit position and function
of the capacitor?
• Are there any voltage spikes expected?
• What is the ripple current spectrum?
• What is the capacitance value?
• What is the required capacitance stability?
• What is the size and lead spacing required?
• Are there any environmental concerns such
as temperature, moisture or vibration?
AUTOMOTIVE
X2 in Parallel to the Mains
X2 in Series with the Mains
L1
Power line
CY
CY
CX
equipment
L2
VAC
Vout
F1
D1
D3
D2
D4
Why Choose KEMET
KEMET Electronics Corporation is a leading
global supplier of electronic components. We
offer our customers the broadest selection of
capacitor technologies in the industry, along
with an expanding range of electromechanical
devices, electromagnetic compatibility solutions
and supercapacitors. Our vision is to be the
preferred supplier of electronic component
solutions for customers demanding the highest
standards of quality, delivery and service.
www.kemet.com/f862
Dissipation Factor Stability
THB Test at 85°C; 85% R.H.; 240 VAC
Test time (hrs)
Test time (hrs)
THB Test at 85°C; 85% R.H.; 240 VAC
Capacitance Stability
1000
0
-2
-4
-6
-8
-10
-12
-14
-16
-18
-20
250
500
750
1000
1250
1500
1750
2000
100
10
1
0
250
500
750
1000
1250
1500
1750
2000
Copyright © 2016 KEMET
SA1016


Similar Part No. - F862DP824M310

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
F862DP824M310C KEMET-F862DP824M310C Datasheet
928Kb / 2P
F862 Series for Harsh Environmental Conditions Class X2, 310 VAC
More results

Similar Description - F862DP824M310

ManufacturerPart #DatasheetDescription
logo
RUBYCON CORPORATION
MPR RUBYCON-MPR Datasheet
60Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
MERITEK ELECTRONICS COR...
TMPP MERITEK-TMPP Datasheet
219Kb / 1P
Metallized Polypropylene Film Capacitors
logo
Illinois Capacitor, Inc...
755DCB112K2J ILLINOISCAPACITOR-755DCB112K2J_13 Datasheet
274Kb / 2P
Metallized Polypropylene Film Capacitors
logo
TDK Electronics
MKP-B32620621 TDK-MKP-B32620621 Datasheet
500Kb / 28P
Metallized Polypropylene Film Capacitors
logo
RUBYCON CORPORATION
MPN RUBYCON-MPN Datasheet
204Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Vishay Siliconix
MKP1848S-DC VISHAY-MKP1848S-DC Datasheet
167Kb / 15P
Metallized Polypropylene Film Capacitors
19-Mar-13
logo
RUBYCON CORPORATION
121MPE153J RUBYCON-121MPE153J Datasheet
184Kb / 3P
METALLIZED POLYPROPYLENE FILM CAPACITORS
630MPB224J RUBYCON-630MPB224J Datasheet
149Kb / 2P
METALLIZED POLYPROPYLENE FILM CAPACITORS
logo
Cornell Dubilier Electr...
950 CDE-950 Datasheet
265Kb / 3P
Metallized Polypropylene Film Capacitors
logo
WESTECH COMPONENT CO., ...
CBB62 WESTECH-CBB62 Datasheet
89Kb / 1P
Metallized Polypropylene Film Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com