Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STG3820 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STG3820
Description  Low voltage high bandwidth quad DPDT switch
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STG3820 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STG3820 Datasheet HTML 3Page - STMicroelectronics STG3820 Datasheet HTML 4Page - STMicroelectronics STG3820 Datasheet HTML 5Page - STMicroelectronics STG3820 Datasheet HTML 6Page - STMicroelectronics STG3820 Datasheet HTML 7Page - STMicroelectronics STG3820 Datasheet HTML 8Page - STMicroelectronics STG3820 Datasheet HTML 9Page - STMicroelectronics STG3820 Datasheet HTML 10Page - STMicroelectronics STG3820 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
DocID15992 Rev 4
7/20
STG3820
Electrical characteristics
20
4
Electrical characteristics
Table 6. DC specifications
Symbol
Parameter
VCC (V)
Test
conditions
Value
Unit
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIH
High level input
voltage
1.65 – 1.95
0.65
VCC

0.65
VCC
V
2.3 – 2.5
1.2

1.2
2.7 – 3.0
1.3

1.3
3.3 – 3.6
1.4

1.4
4.3
1.6

1.6
VIL
Low level input
voltage
1.65 – 1.95

0.25
0.25
V
2.3 – 2.5

0.25
0.25
2.7 – 3.0

0.25
0.25
3.3 – 3.6

0.30
0.30
4.3

0.40
0.40
RPEAK
Switch ON peak
resistance
1.8
VS = 0 V to VCC
IS = 8 mA
17.0
19.6

Ω
2.7
7.5
8.7

3.0
6.6
7.6

3.7
5.8
6.7

4.3
5.4
6.2

RON
Switch ON
resistance
3.0
VS = 3 V
IS = 8 mA
5.1
5.8

Ω
3.0
VS = 0.4 V
IS = 8 mA
6.3
7.3

RON
ON resistance
match between
channels(1)
1.8
VS at RON MAX
IS = 8 mA

Ω
2.7

3.0
0.3

3.7

4.3




Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com