Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW81200T Datasheet(PDF) 8 Page - STMicroelectronics

Part # STW81200T
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200T Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STW81200T Datasheet HTML 4Page - STMicroelectronics STW81200T Datasheet HTML 5Page - STMicroelectronics STW81200T Datasheet HTML 6Page - STMicroelectronics STW81200T Datasheet HTML 7Page - STMicroelectronics STW81200T Datasheet HTML 8Page - STMicroelectronics STW81200T Datasheet HTML 9Page - STMicroelectronics STW81200T Datasheet HTML 10Page - STMicroelectronics STW81200T Datasheet HTML 11Page - STMicroelectronics STW81200T Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 58 page
background image
Pin definitions
STW81200
8/58
DocID025943 Rev 7
Table 2. Pin description
Pin No
Name
Description
Observation
1
CBYP_4V5
Connection for 4.5 V regulator
bypass capacitor
-
2VREG_4V5
Regulated output voltage for 4.5V
regulator
Adjustable output voltage: 5.0 V, 4.5 V,
2.6 V, 3.3 V
3
VCC_VCO_Core
Supply voltage for VCO Core
Must be connected to VREG_4V5 or
VREG_VCO
4
HW_PD
HW Power Down
CMOS Schmitt Triggered Input, 1.8 V
compatible, 3.3 V tolerant
5
PD_RF1
RF1 output stage Power Down
control
CMOS Schmitt Triggered Input, 1.8 V
compatible, 3.3 V tolerant
6
PD_RF2/FL_SW
RF2 output stage Power Down
Control / Fast Lock switch
CMOS Schmitt Triggered Input, 1.8 V
compatible, 3.3V tolerant (with Fast lock
feature disabled); High impedance/
GND shorted output (with Fast Lock
feature enabled)
7
CBYP
Connection for VCO circuitry
regulator bypass capacitor
-
8VREG_VCO
Regulated output voltage for VCO
circuitry regulator
-
9
VIN_LDO_VCO
Supply voltage for VCO circuitry
regulator
-
10
VR
Connection for reference voltage
filtering capacitor
-
11
VCTRL
VCO control voltage
-
12
EXTVCO_INP
External VCO positive input
This pin must be connected to ground if
external VCO is not used
13
EXTVCO_INN
External VCO negative input
This pin must be connected to ground if
external VCO is not used
14
VDD_CP
Supply voltage for Charge Pump
bias
This pin must be connected to
VREG_VCO
15
ICP
PLL charge pump output
-
16
VCC_CPOUT
Supply voltage for Charge Pump
output stage
This pin must be connected to
VREG_4V5 or VREG_VCO
17
VDD_PFD
Supply voltage for PFD
This pin must be connected to
VREG_REF
18
VIN_LDO_REF
Supply voltage for PLL regulator
-
19
VREG_REF
Regulated output voltage for
Reference Clock regulator
-
20
REF_CLKN
Reference clock negative input
-
21
REF_CLKP
Reference clock positive input
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com