Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STW81200TR Datasheet(PDF) 25 Page - STMicroelectronics

Part # STW81200TR
Description  Wideband RF PLL fractional/integer frequency synthesizer with integrated VCOs and LDOs
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW81200TR Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STW81200TR Datasheet HTML 21Page - STMicroelectronics STW81200TR Datasheet HTML 22Page - STMicroelectronics STW81200TR Datasheet HTML 23Page - STMicroelectronics STW81200TR Datasheet HTML 24Page - STMicroelectronics STW81200TR Datasheet HTML 25Page - STMicroelectronics STW81200TR Datasheet HTML 26Page - STMicroelectronics STW81200TR Datasheet HTML 27Page - STMicroelectronics STW81200TR Datasheet HTML 28Page - STMicroelectronics STW81200TR Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 58 page
background image
DocID025943 Rev 7
25/58
STW81200
Circuit description
57
7.3
PLL N divider
The N divider sets the division ratio in the PLL feedback path.
Both Integer-N and Fractional-N PLL architectures are implemented in order to ensure the
best overall performance of the synthesizer.
The Fractional-N division is achieved combining the integer divider section with a Delta-
Sigma modulator (DSM) which sets the fractional part of the overall division ratio.
The DSM is implemented as a MASH structure with programmable order (2 bit; 1st, 2nd, 3rd
and 4th order), programmable MODULUS (21 bit).
It includes also a DITHERING function (1 bit) which can be used to reduce fractional spur
tones by spreading the DSM sequence and consequently the energy of the spurs over a
wider bandwidth.
The overall division ratio N is given by:
The integer part NINT is 17-bit programmable and can range from 24 to 131071 in Integer
Mode. For NINT ≥ 512 the fractional mode is not allowed and the setting used for DSM does
not have any effect.
Based upon the selected order of the Delta-Sigma Modulator the allowed range of NINT
values changes as follows:
•
24 to 510 - 1st Order DSM
•
25 to 509 - 2nd Order DSM
•
27 to 507 - 3rd Order DSM
•
31 to 503 - 4th Order DSM
The fractional part NFRAC of the division ratio is controlled by setting the values FRAC and
MOD (21 bits each) and it depends also on the value of DITHERING (1 bit):
The MOD value can range from 2 to 2097151, while the range of FRAC is from 0 to MOD-1.
If the DITHERING function is not used (DITHERING=0) the fractional part of N is simply
achieved as ratio of FRAC over MOD.
NNINT NFRAC
+
=
NFRAC
FRAC
MOD
-----------------
DITHERING
2MOD
⋅
-----------------------------------
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com