Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

223PR13 Datasheet(PDF) 1 Page - Alpha Wire

Part # 223PR13
Description  Mini 7/8" Male Internal Threads 4 Pin Field Attachable
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALPHAWIRE [Alpha Wire]
Direct Link  http://www.alphawire.com
Logo ALPHAWIRE - Alpha Wire

223PR13 Datasheet(HTML) 1 Page - Alpha Wire

  223PR13 Datasheet HTML 1Page - Alpha Wire 223PR13 Datasheet HTML 2Page - Alpha Wire  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
• • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • • •
Alpha Wire | 711 Lidgerwood Ave, Elizabeth, NJ 07207
www.alphawire.com | 1-800-52 ALPHA
1
Customer Specification
PART NO: 223 Series
Mini 7/8" Male Internal Threads 4 Pin Field Attachable
Drawing
Technical Data
Part Number
Cable Diameter Range
223PR11
0.315" – 0.394" (8.0 – 10.0 mm)
223PR13
0.394" – 0.472" (10.0 – 12.0 mm)
223PR16
0.472" – 0.551" (12.0 – 14.0 mm)
223PR9
0.236" – 0.315" (6.0 – 8.0 mm)
Mechanical
Housing
Glass Filled Nylon
Insert
Nylon black
Contact
Copper Alloy, Gold Plated
Coupling Nut
Aluminum, anodized black
Connection
Screw Terminal (Internal Threads)
Max AWG
16 (1.5mm2)
Electrical
Contact Resistance
≤ 5 mΩ
Nom. Current @ 40°C
9 A
Nominal Voltage
600 V
Insulation Resistance
> 109 Ω
UL File
E485156 (223PR9)
Environmental
Degree of Protection
IP 67/ NEMA 6P


Similar Part No. - 223PR13

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
223PPA202K ILLINOISCAPACITOR-223PPA202K Datasheet
391Kb / 5P
Polypropylene Film Capacitors for Power
223PPA202K ILLINOISCAPACITOR-223PPA202K Datasheet
482Kb / 3P
Axial leaded metallized polypropylene film capacitors for power semiconductors
223PPA202K ILLINOISCAPACITOR-223PPA202K Datasheet
316Kb / 3P
High dvdt ??Good Pulse Current ??Stable with
223PPA202KG ILLINOISCAPACITOR-223PPA202KG Datasheet
391Kb / 5P
Polypropylene Film Capacitors for Power
223PPA202KG ILLINOISCAPACITOR-223PPA202KG Datasheet
482Kb / 3P
Axial leaded metallized polypropylene film capacitors for power semiconductors
More results

Similar Description - 223PR13

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
217KR9-NC032 ALPHAWIRE-217KR9-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
217KR11-NC032 ALPHAWIRE-217KR11-NC032 Datasheet
168Kb / 2P
Mini 7/8 Female 4 Pin Field Attachable
220LR11-NC032 ALPHAWIRE-220LR11-NC032 Datasheet
173Kb / 2P
Mini 7/8 Male 4 Pin Field Attachable
216 ALPHAWIRE-216 Datasheet
135Kb / 2P
Mini 7/8" Female 3 Pin Field Attachable
217 ALPHAWIRE-217 Datasheet
168Kb / 2P
Mini 7/8" Female 4 Pin Field Attachable
219 ALPHAWIRE-219 Datasheet
173Kb / 2P
Mini 7/8" Male 3 Pin Field Attachable
220 ALPHAWIRE-220 Datasheet
173Kb / 2P
Mini 7/8" Male 4 Pin Field Attachable
221 ALPHAWIRE-221 Datasheet
175Kb / 2P
Mini 7/8" Male 5 Pin Field Attachable
222 ALPHAWIRE-222 Datasheet
197Kb / 2P
Mini 7/8" Male Internal Threads 3 Pin Field Attachable
224 ALPHAWIRE-224 Datasheet
199Kb / 2P
Mini 7/8" Male Internal Threads 5 Pin Field Attachable
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com