Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

150AAS12-F Datasheet(PDF) 7 Page - Delta Electronics, Inc.

Part # 150AAS12-F
Description  Over-Voltage/Load/Temperature & Short Circuit protections
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

150AAS12-F Datasheet(HTML) 7 Page - Delta Electronics, Inc.

  150AAS12-F Datasheet HTML 1Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 2Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 3Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 4Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 5Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 6Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 7Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 8Page - Delta Electronics, Inc. 150AAS12-F Datasheet HTML 9Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TECHNICAL DATASHEET
MDS Medical AC-DC Adapter
12Volt, 120Watt / MDS-150AAS12 F/B
```
All parameters are specified at 25°C ambient unless otherwise noted.
www.DeltaPSU.com (November 2016, Rev. 03)
7
Functions
Start-up Time
The time required for the output voltage (Vo) to reach 90% of its set value, after the input AC voltage is applied.
Rise Time
The time required for the output voltage (Vo) to change from 10% to 90% of its steady state value.
Hold-up Time
Hold up time is the time when the AC input collapses and output voltage retains regulation for a certain period of time. The time
required for the output to reach 95% of its set value, after the input voltage is removed.
■ Graph illustrating the Start-up Time, Rise Time, and Hold-up Time



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com