Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4411ES5 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4411ES5
Description  2.6A Low Loss Ideal Diode in ThinSOT
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4411ES5 Datasheet(HTML) 3 Page - Linear Technology

  LTC4411ES5 Datasheet HTML 1Page - Linear Technology LTC4411ES5 Datasheet HTML 2Page - Linear Technology LTC4411ES5 Datasheet HTML 3Page - Linear Technology LTC4411ES5 Datasheet HTML 4Page - Linear Technology LTC4411ES5 Datasheet HTML 5Page - Linear Technology LTC4411ES5 Datasheet HTML 6Page - Linear Technology LTC4411ES5 Datasheet HTML 7Page - Linear Technology LTC4411ES5 Datasheet HTML 8Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
LTC4411
3
4411f
LOAD CURRENT (A)
0.5
1.5
2.5
1.0
2.0
3.0
4411 G01
0
LOAD CURRENT (A)
LOAD CURRENT (A)
0.5
1.5
2.5
1.0
2.0
3.0
0
TA = –40°C
TA = 0°C
TA = 40°C
TA = 80°C
TA = 120°C
4411 G02
0
0.5
1.0
1.5
2.0
4411 G03
1000
0.5
0.4
0.3
0.2
0.1
0.15
0.10
0.30
0.25
0.20
0.05
0
100
10
0
TA = –40°C
TA = 0°C
TA = 40°C
TA = 80°C
TA = 120°C
TA = –40°C
TA = 0°C
TA = 40°C
TA = 80°C
TA = 120°C
ELECTRICAL CHARACTERISTICS The q denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 6)
TYPICAL PERFOR A CE CHARACTERISTICS
Typical IQF vs ILOAD at VIN = 3.6V
VFWD vs ILOAD at VIN = 3.6V
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LTC4411E is guaranteed to meet performance specifications
from 0
°C to 70°C. Specifications over the –40°C to 85°C ambient
operating temperature range are assured by design, characterization and
correlation with statistical process controls.
Note 3: TJ is calculated from the ambient temperature TA and power
dissipation PD according to the following formula:
TJ = TA + (PD • 150°C/W)
The following table lists thermal resistance for several different board sizes
and copper areas. All measurements were taken in still air on 3/32" FR-4
board with the device mounted on topside.
Measured Thermal Resistance (2-Layer Board*)
COPPER AREA
BOARD
THERMAL RESISTANCE
TOPSIDE
BACKSIDE
AREA
JUNCTION-TO-AMBIENT
2500mm2
2500mm2
2500mm2
125
°C/W
1000mm2
2500mm2
2500mm2
125
°C/W
225mm2
2500mm2
2500mm2
130
°C/W
100mm2
2500mm2
2500mm2
135
°C/W
50mm2
2500mm2
2500mm2
150
°C/W
*Each layer uses one ounce copper
Note 4: Quiescent current increases with load current, refer to plot of IQF
vs ILOAD.
Note 5: This IC includes overtemperature protection that is intended to
protect the device during momentary overload conditions. Junction
temperature will exceed 125
°C when overtemperature protection is active.
Continuous operation above the specified maximum operating junction
temperature may impair device reliability.
Note 6: Current into a pin is positive and current out of a pin is negative.
All voltages are referenced to GND.
RFWD and RON vs ILOAD at
VIN = 3.6V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com