Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MWS11-PHXX-CS Datasheet(PDF) 4 Page - Microsemi Corporation

Part # MWS11-PHXX-CS
Description  W-CMDA Power Amplifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MWS11-PHXX-CS Datasheet(HTML) 4 Page - Microsemi Corporation

  MWS11-PHXX-CS Datasheet HTML 1Page - Microsemi Corporation MWS11-PHXX-CS Datasheet HTML 2Page - Microsemi Corporation MWS11-PHXX-CS Datasheet HTML 3Page - Microsemi Corporation MWS11-PHXX-CS Datasheet HTML 4Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
PRELIMINARY
Microsemi
Micro WaveSys
11861 Western Avenue, Garden Grove, CA. 92841, 714-898-8121, Fax: 714-893-2570
Page 4
Copyright
© 2000
Rev. 0.2b,2000-11-07
MWS11-PHxx-CS
W-CMDA Power Amplifier
A
M I CROSEM I
COM P A N Y


Figure 1 – Evaluation Board for the W-CDMA Power Amp
50 ohm
line
C6
2.2pF
C12
0.1µF
C16
1.8pF
C13
10-50mF
C3
2.7pF
C8
100pF
C16
100 pF
C9
100pF
C10
100pF
C15
10-50mF
C7
2.2pF
W =48mil
L=150mil
50 ohm
line
T1
W =10mil
L=40mil
W =48mil
L=163mil
T2
W =20mil
L=825mil
W =48mil
L=50mil
W =48mil
L=5mil
W 1=10mil
W 2=48mil
L=20mil
V
CC
3.5V
V
RE F
2.8V
C17
100pF
RF IN
RF O UT
MW S 11-
PH 41-C S
VB 1
VC C2
VB 2
VC C
Figure 2 – Evaluation Board for the W-CDMA Schematic



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com