Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS9511 Datasheet(PDF) 1 Page - STMicroelectronics

Part # TS9511
Description  Precision rail-to-rail input/output 3 MHz single operational amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS9511 Datasheet(HTML) 1 Page - STMicroelectronics

  TS9511 Datasheet HTML 1Page - STMicroelectronics TS9511 Datasheet HTML 2Page - STMicroelectronics TS9511 Datasheet HTML 3Page - STMicroelectronics TS9511 Datasheet HTML 4Page - STMicroelectronics TS9511 Datasheet HTML 5Page - STMicroelectronics TS9511 Datasheet HTML 6Page - STMicroelectronics TS9511 Datasheet HTML 7Page - STMicroelectronics TS9511 Datasheet HTML 8Page - STMicroelectronics TS9511 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
This is information on a product in full production.
July 2013
DocID15707 Rev 6
1/11
TS9511
Precision rail-to-rail input/output 3 MHz single operational amplifier
Datasheet
- production data
Features
• Good precision: 800 µV max.
• Rail-to-rail input and output
• Wide supply voltage range: 2.7 V to 12 V
• High-speed (3 MHz, 1 V/µs)
• Low consumption (900 µA at 3 V)
• Supply voltage rejection ratio: 85 dB
• Micropackage: SOT23-5
Applications
• Signal conditioning
• Automotive applications
• Laptop/notebook computers
• Transformer/line drivers
• Personal entertainment (CD players)
• Portable communication (cell phones, pagers)
• Digital-to-analog converter buffers
• Portable headphone speaker drivers
Description
The TS9511 device is a single, precision
rail-to-rail operational amplifier whose supply
voltage range extends from 2.7 V to 12 V.
Its high-precision performance associated with
an SOT23-5 package make it suitable for a wide
range of demanding applications, such as
industrial, automotive, consumer, and computer
applications.
TS9511ILT/TS9511IYLT
TS9511RILT/TS9511RIYLT
www.st.com


Similar Part No. - TS9511

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951 Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
TS951 STMICROELECTRONICS-TS951 Datasheet
350Kb / 15P
Input/Output Rail-to-Rail Low Power Operational Amplifier
Dec-2005
TS951 STMICROELECTRONICS-TS951 Datasheet
440Kb / 17P
Input/output rail-to-rail low power operational amplifier
10-Dec-2007
TS951I STMICROELECTRONICS-TS951I Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
TS951ID STMICROELECTRONICS-TS951ID Datasheet
118Kb / 13P
INPUT/OUTPUT RAIL TO RAIL LOW POWER OPERATIONAL AMPLIFIERS
Aug-1999
More results

Similar Description - TS9511

ManufacturerPart #DatasheetDescription
logo
Analog Devices
OP-184 AD-OP-184 Datasheet
522Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
OP184 AD-OP184 Datasheet
291Kb / 20P
Precision Rail-to-Rail Input & Output Operational Amplifiers
REV.0
logo
National Semiconductor ...
LMP2011 NSC-LMP2011 Datasheet
688Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
logo
Analog Devices
AD8698 AD-AD8698 Datasheet
317Kb / 20P
Dual Precision, Rail-to-Rail Output Operational Amplifier
4/04-Revision 0
logo
Intersil Corporation
LMP2015 INTERSIL-LMP2015 Datasheet
511Kb / 16P
High Precision, Rail-to-Rail Output Operational Amplifier
December 18, 2007
logo
ON Semiconductor
TLV271SN2T1G ONSEMI-TLV271SN2T1G Datasheet
968Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
April, 2013 ??Rev. 3
TLV271SN1T1G ONSEMI-TLV271SN1T1G Datasheet
972Kb / 12P
Single-Channel, Rail-to-Rail Output, 3 MHz BW Operational Amplifier
September, 2013 ??Rev. 4
logo
New Japan Radio
NJM2730F-TE1 NJRC-NJM2730F-TE1 Datasheet
298Kb / 9P
Rail-to-Rail Input/Output Single Operational Amplifier
logo
ON Semiconductor
NCS20166 ONSEMI-NCS20166 Datasheet
1Mb / 13P
Precision Operational Amplifier, Low Offset, 10MHz, Rail-to-Rail Input/Output
April, 2020 ??Rev. 0
TLV271 ONSEMI-TLV271 Datasheet
1Mb / 26P
Operational Amplifier, Rail-to-Rail Output, 3 MHz BW
July, 2020 - Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com