Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SW110R03VT Datasheet(PDF) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

Part # SW110R03VT
Description  N-channel Enhanced mode TO-252/DFN3*3 MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIPOWER [Xian Semipower Electronic Technology Co., Ltd.]
Direct Link  http://www.samwinsemi.com
Logo SEMIPOWER - Xian Semipower Electronic Technology Co., Ltd.

SW110R03VT Datasheet(HTML) 1 Page - Xian Semipower Electronic Technology Co., Ltd.

  SW110R03VT Datasheet HTML 1Page - Xian Semipower Electronic Technology Co., Ltd. SW110R03VT Datasheet HTML 2Page - Xian Semipower Electronic Technology Co., Ltd. SW110R03VT Datasheet HTML 3Page - Xian Semipower Electronic Technology Co., Ltd. SW110R03VT Datasheet HTML 4Page - Xian Semipower Electronic Technology Co., Ltd. SW110R03VT Datasheet HTML 5Page - Xian Semipower Electronic Technology Co., Ltd. SW110R03VT Datasheet HTML 6Page - Xian Semipower Electronic Technology Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Copyright@ SEMIPOWER Electronic Technology Co., Ltd. All rights reserved.
Apr. 2017. Rev. 3.0
1/6
SW110R03VT
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-252
DFN3*3
V
DSS
Drain to source voltage
30
V
I
D
Continuous drain current (@T
C=25
oC)
55*
A
Continuous drain current (@T
C=100
oC)
35*
A
I
DM
Drain current pulsed
(note 1)
220
A
V
GS
Gate to source voltage
± 20
V
E
AS
Single pulsed avalanche energy
(note 2)
56
mJ
E
AR
Repetitive avalanche energy
(note 1)
6
mJ
dv/dt
Peak diode recovery dv/dt
(note 3)
5
V/ns
P
D
Total power dissipation (@T
C=25
oC)
48
W
Total power dissipation (@T
a=25
oC)
2.6
W
Derating factor above 25oC
0.4
0.02
W/oC
T
STG, TJ
Operating junction temperature & storage temperature
-55 ~ + 150
oC
Thermal characteristics
*. Drain current is limited by junction temperature.
TO-252 :1. Gate 2. Drain 3. Source
DFN3*3: 4.Gate 5,6,7,8.Drain 1,2,3.Source
Order Codes
Item
Sales Type
Marking
Package
Packaging
1
SW D 110R03VT
SW110R03VT
TO-252
REEL
2
SW H 110R03VT
SW110R03V
DFN3*3
REEL
N-channel Enhanced mode TO-252/DFN3*3 MOSFET
Features
 High ruggedness
 Low R
DS(ON) (Typ 14mΩ)@VGS=4.5V
 Low R
DS(ON) (Typ 10mΩ)@VGS=10V
 Low Gate Charge (Typ 21nC)
 Improved dv/dt Capability
 100% Avalanche Tested
 Application:DC-DC Converter,Motor
Control,Synchronous Rectification
General Description
This power MOSFET is produced with advanced technology of SAMWIN.
This technology enable the power MOSFET to have better characteristics, including fast
switching time, low on resistance, low gate charge and especially excellent avalanche
characteristics.
BV
DSS : 30V
I
D
: 55A
R
DS(ON) : 14mΩ@VGS=4.5V
10m
Ω@V
GS=10V
G
D
S
TO-252
1
2
3
Symbol
Parameter
Value
Unit
TO-252
DFN3*3
R
thjc
Thermal resistance, Junction to case
2.6
oC/W
R
thja
Thermal resistance, Junction to ambient
49
oC/W
DFN3*3
G(4) D(5,6,7,8)
S(1,2,3)
Note: R
thja is the sum of the junction-to-case and case-to-ambient thermal resistance where the case thermal reference is d
efined as the solder mounting surface of the drain pins. R
thjc is guaranteed by design while Rthca is determined by the user's
board design.
DFN3*3 R
thja : 49
oC/W on a 1 in2 pad of 2oz copper.


Similar Part No. - SW110R03VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW110N08A SEMIPOWER-SW110N08A Datasheet
587Kb / 5P
N-channel TO-220 MOSFET
More results

Similar Description - SW110R03VT

ManufacturerPart #DatasheetDescription
logo
Xian Semipower Electron...
SW15P02 SEMIPOWER-SW15P02 Datasheet
1Mb / 7P
P-channel Enhanced mode TO-251/TO-252/DFN3*3/DFN5*6 MOSFET
SW045R02VT SEMIPOWER-SW045R02VT Datasheet
658Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
SW055R03VT SEMIPOWER-SW055R03VT Datasheet
701Kb / 7P
N-channel Enhanced mode TO-252/TO-251/DFN3*3 MOSFET
SW5N65K SEMIPOWER-SW5N65K Datasheet
836Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW20N03A SEMIPOWER-SW20N03A Datasheet
743Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
SW20N20D SEMIPOWER-SW20N20D Datasheet
639Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW7N60K2F SEMIPOWER-SW7N60K2F Datasheet
647Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW9N10V SEMIPOWER-SW9N10V Datasheet
839Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
SW065R68E7T SEMIPOWER-SW065R68E7T Datasheet
689Kb / 6P
N-channel Enhanced mode TO-252 MOSFET
Aug. 2019
SW160R02VT SEMIPOWER-SW160R02VT Datasheet
760Kb / 6P
N-channel Enhanced mode DFN3*3 MOSFET
Apr. 2019.
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com