Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HAT3038R Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # HAT3038R
Description  Silicon N/P Channel Power MOSFET
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT3038R Datasheet(HTML) 2 Page - Renesas Technology Corp

  HAT3038R Datasheet HTML 1Page - Renesas Technology Corp HAT3038R Datasheet HTML 2Page - Renesas Technology Corp HAT3038R Datasheet HTML 3Page - Renesas Technology Corp HAT3038R Datasheet HTML 4Page - Renesas Technology Corp HAT3038R Datasheet HTML 5Page - Renesas Technology Corp HAT3038R Datasheet HTML 6Page - Renesas Technology Corp HAT3038R Datasheet HTML 7Page - Renesas Technology Corp HAT3038R Datasheet HTML 8Page - Renesas Technology Corp HAT3038R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
HAT3038R
R07DS1375EJ0301 Rev.3.01
Page 2 of 9
Jan 20, 2017
Electrical Characteristics
• N Channel
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown voltage
V(BR)DSS
60
—
—
V
ID = 10 mA, VGS = 0
Gate to source leak current
IGSS
—
—
± 0.1
A
VGS = ±20 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
1
A
VDS = 60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
1.0
—
2.5
V
VDS = 10 V, I D = 1 mA
Static drain to source on state
resistance
RDS(on)
—
48
60
m
ID = 2.5 A, VGS = 10 V Note3
RDS(on)
—
55
80
m
ID = 2.5 A, VGS = 4.5 V Note3
Forward transfer admittance
|yfs|
6.6
11
—
S
ID = 2.5 A, VDS = 10 V Note3
Input capacitance
Ciss
—
675
—
pF
VDS = 10 V
VGS = 0
f = 1 MHz
Output capacitance
Coss
—
95
—
pF
Reverse transfer capacitance
Crss
—
35
—
pF
Total gate charge
Qg
—
5.2
—
nC
VDD = 25 V
VGS = 4.5 V
ID = 5 A
Gate to source charge
Qgs
—
1.8
—
nC
Gate to drain charge
Qgd
—
2.1
—
nC
Turn-on delay time
td(on)
—
11
—
ns
VGS = 10 V, ID = 2.5 A
VDD
 30 V
RL = 12
Rg = 4.7
Rise time
tr
—
8
—
ns
Turn-off delay time
td(off)
—
40
—
ns
Fall time
tf
—
4.5
—
ns
Body–drain diode forward voltage
VDF
—
0.82
1.07
V
IF = 5 A, VGS = 0 Note3
Body–drain diode reverse recovery
time
trr
—
40
—
ns
IF = 5 A, VGS = 0
diF/ dt = 100 A/
s
Notes: 3. Pulse test
• P Channel
(Ta = 25°C)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain to source breakdown
voltage
V(BR)DSS
–60
—
—
V
ID = –10 mA, VGS = 0
Gate to source leak current
IGSS
—
—
±0.1
A
VGS = -20,+10 V, VDS = 0
Zero gate voltage drain current
IDSS
—
—
–1
A
VDS = –60 V, VGS = 0
Gate to source cutoff voltage
VGS(off)
–1.0
—
–2.5
V
VDS = –10 V, I D = –1 mA
Static drain to source on state
resistance
RDS(on)
—
70
88
m
ID = –2 A, VGS = –10 V Note3
RDS(on)
—
82
110
m
ID = –2 A, VGS = – 4.5 V Note3
Forward transfer admittance
|yfs|
4.5
7.5
—
S
ID = –2 A, VDS = –10 V Note3
Input capacitance
Ciss
—
1330
—
pF
VDS = –10 V
VGS = 0
f = 1MHz
Output capacitance
Coss
—
115
—
pF
Reverse transfer capacitance
Crss
—
75
—
pF
Total gate charge
Qg
—
10.5
—
nC
VDD = –25 V
VGS = –4.5 V
ID = -4 A
Gate to source charge
Qgs
—
3.3
—
nC
Gate to drain charge
Qgd
—
4.5
—
nC
Turn-on delay time
td(on)
—
18
—
ns
VGS = –10 V, ID = –2 A
VDD
 –30 V
RL = 15
Rg = 4.7
Rise time
tr
—
12
—
ns
Turn-off delay time
td(off)
—
52
—
ns
Fall time
tf
—
5
—
ns
Body–drain diode forward voltage
VDF
—
–0.83
–1.08
V
IF = –4 A, VGS = 0 Note3
Body–drain diode reverse
recovery time
trr
—
40
—
ns
IF = –4 A, VGS = 0
diF/ dt =100A/µs
Notes: 3. Pulse test



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com