Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SIL60C2 Datasheet(PDF) 3 Page - Artesyn Technologies

Part # SIL60C2
Description  Power good output signal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

SIL60C2 Datasheet(HTML) 3 Page - Artesyn Technologies

  SIL60C2 Datasheet HTML 1Page - Artesyn Technologies SIL60C2 Datasheet HTML 2Page - Artesyn Technologies SIL60C2 Datasheet HTML 3Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SIL60C2 Data Sheet
WORLDWIDE OFFICES
Americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
Europe (UK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
Asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
www.artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use
of this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc.
All other names and logos referred to are trade names, trademarks, or registered trademarks of their respective
owners. © 2015 Artesyn Embedded Technologies, Inc.
SIL60C2 DS 25Mar2015
Mating Connectors
Mechanical Drawings
7.20
MAX
MAX
2.54
TYP
3.05
.120
.100
.283
.548 MAX
13.92 MAX
TYP
2.54
.100
.090
2.29
.118
3
PCB REF
1.57±0.15
.062±.006
.197 MAX
5 MAX
37
2
38
1
7001153-JPLUTO
SCALE: 2 = 1
SIZE
CAD FILE:
DWG. NO.
B
TOMAHAWK, TLA, VERTICAL
APPROVALS
DRAWN
ENGINEER
UNLESS OTHERWISE SPECIFIED
DIMENSIONS ARE IN INCHES
TOLERANCES:
HOLE TOLERANCE:
2 PLACE
3 PLACE
ANGLES
.03
MATERIAL
FINISH
NA
NA
1
2
3
4
5
6
7
8
PH. 952-941-1100
PROJECT USED ON:
7091153-JPLUTO
TITLE:
DELL TOMAHAWK
EDEN PRAIRIE, MN 55433
ARTESYN TECHNOLOGIES
PROJECTION
ANGLE
DATE
.015
THIRD
1
.005
D. TETZLAFF
D. TETZLAFF
28AUG06
28AUG06
DETACHED LIST
NOTE:
1. 9300161-0000 PACKAGING AND MATERIAL HANDLING PROCEDURE.
2. COSMETIC AND WORKMANSHIP PER 9300152-0000.
3. LABEL SHOWN FOR REFERENCE PLACEMENT ONLY.
.025±.001
SQ PIN
0.64±0.03
1.980±.020
50.29±0.51
.780±.020
19.81±0.51
.625±.010 REF
15.88±0.25
LABEL
PRODUCT
2
1
38
37
RECOMMENDED MOTHERBOARD FOOTPRINT
MODULE OUTLINE
TYP
.044 TYP
2.080
.640
.140
1.800
TYP
.111
.100
.100 TYP
HEATSINK ASSEMBLY NOTES
APPLY LIQUIBOND BETWEEN THESE
SEMICONDUCTORS AND HEATSINK SURFACES,
STENCIL APPLICATION ACCEPTABLE.
APPLY GAPFILLER
ON BACKSIDE OF IC
TO FILL BETWEEN
HEATSINK ANDPCB
Pin Assignments
Pin
Function
Pin
Function
Pin
Function
1
VID0
14
Vin
27
Vout
2
Viout*
15
Ground
28
Vout
3
VID1
16
Ground
29
Ground
4
Power Good
17
Vout
30
Ground
5
RS-
18
Vout
31
Ground
6
RS+
19
Vout
32
Ground
7
Open
20
Vout
33
Vout
8
Enable
21
Ground
34
Vout
9
Ground
22
Ground
35
Vout
10
Ground
23
Ground
36
Vout
11
Vin
24
Ground
37
Ground
12
Vin
25
Vout
38
Ground
13
Vin
26
Vout
*Viout is a current monitoring pin. 31 mV / A, ±15% tolerance.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com