Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RX24T Datasheet(PDF) 93 Page - Renesas Technology Corp

Part # RX24T
Description  32-bit RXv2 CPU core
PDF  133 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RX24T Datasheet(HTML) 93 Page - Renesas Technology Corp

Back Button RX24T Datasheet HTML 89Page - Renesas Technology Corp RX24T Datasheet HTML 90Page - Renesas Technology Corp RX24T Datasheet HTML 91Page - Renesas Technology Corp RX24T Datasheet HTML 92Page - Renesas Technology Corp RX24T Datasheet HTML 93Page - Renesas Technology Corp RX24T Datasheet HTML 94Page - Renesas Technology Corp RX24T Datasheet HTML 95Page - Renesas Technology Corp RX24T Datasheet HTML 96Page - Renesas Technology Corp RX24T Datasheet HTML 97Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 133 page
background image
R01DS0257EJ0200 Rev.2.00
Page 93 of 133
Apr 14, 2017
RX24T Group
5. Electrical Characteristics
5.3.2
Reset Timing
Note 1. When IWDTCR.CKS[3:0] = 0000b.
Figure 5.29
Reset Input Timing at Power-On
Figure 5.30
Reset Input Timing (1)
Figure 5.31
Reset Input Timing (2)
Table 5.17
Reset Timing
Conditions: VCC = 2.7 V to 5.5 V, AVCC0 = AVCC1 = AVCC2 = VREF = VCC to 5.5 V, VSS = AVSS0 = AVSS1 = AVSS2 =
0 V, Ta = –40 to +85°C
Item
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
RES# pulse width
At power-on
tRESWP
3
—
—
ms
Figure 5.29
Other than above
tRESW
30
—
—
μs
Figure 5.30
Wait time after RES# cancellation (at power-on)
tRESWT
—
27.5
—
ms
Figure 5.29
Wait time after RES# cancellation
(during powered-on state)
tRESWT
—
114
—
μs
Figure 5.30
Independent watchdog timer reset period
tRESWIW
—
1
—
IWDT clock
cycle
Figure 5.31
Software reset period
tRESWSW
—
1
—
ICLK cycle
Wait time after independent watchdog timer reset cancellation*1
tRESW2
—
300
—
μs
Wait time after software reset cancellation
tRESW2
—
168
—
μs
VCC
RES#
tRESWP
Internal reset
tRESWT
RES#
Internal reset
tRESWT
tRESW
Independent watchdog timer reset
Software reset
Internal reset
tRESWT2
tRESWIW, tRESWSW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com