Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R7FS3A6783A01CNF Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # R7FS3A6783A01CNF
Description  Synergy Microcontrollers
PDF  129 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R7FS3A6783A01CNF Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button R7FS3A6783A01CNF Datasheet HTML 53Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 54Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 55Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 56Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 57Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 58Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 59Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 60Page - Renesas Technology Corp R7FS3A6783A01CNF Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 129 page
background image
R01DS0308EU0100 Rev.1.00
Page 57 of 129
Apr 4, 2017
S3A6 Group MCUs
2. Electrical Characteristics
Note 1.
The lower-limit frequency of FCLK is 1 MHz while programming or erasing the flash memory. When using FCLK for
programming or erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer
frequency such as 1.5 MHz cannot be set.
Note 2.
The frequency accuracy of FCLK must be ±3.5% while programming or erasing the flash memory. Confirm the frequency
accuracy of the clock source.
Note 3.
The lower-limit frequency of PCLKC is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the 14-bit A/D converter is in
use.
Note 4.
See section 8, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK.
Note 5.
The maximum value of operation frequency does not include internal oscillator errors. For details on the range of guaranteed
operation, see Table 2.22, Clock timing.
Note 1.
The lower-limit frequency of FCLK is 1 MHz while programming or erasing the flash memory.
Note 2.
The lower-limit frequency of PCLKC is 1 MHz when the A/D converter is in use.
Note 3.
See section 8, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK.
Note 4.
The maximum value of operation frequency does not include internal oscillator errors. For details on the range of guaranteed
operation, see Table 2.22, Clock timing.
Note 1.
The lower-limit frequency of FCLK is 1 MHz while programming or erasing the flash memory. When using FCLK for
programming or erasing the flash memory at below 4 MHz, the frequency can be set to 1 MHz, 2 MHz, or 3 MHz. A non-integer
frequency such as 1.5 MHz cannot be set.
Note 2.
The frequency accuracy of FCLK must be ±3.5% while programming or erasing the flash memory. Confirm the frequency
accuracy of the clock source.
Note 3.
The lower-limit frequency of PCLKC is 4 MHz at 2.4 V or above and 1 MHz at below 2.4 V when the 14-Bit A/D converter is in
use.
Note 4.
See section 8, Clock Generation Circuit in User’s Manual for the relationship of frequencies between ICLK, PCLKA, PCLKB,
PCLKC, PCLKD, FCLK.
Note 5.
The maximum value of operation frequency does not include internal oscillator errors. For details on the range of guaranteed
operation, see Table 2.22, Clock timing.
Table 2.19
Operation frequency value in low-speed mode
Conditions: VCC = AVCC0 = 1.8 to 5.5 V
Parameter
Symbol
Min
Typ
Max*4
Unit
Operation
frequency
System clock (ICLK)*3
1.8 to 5.5 V
f
0.032768
-
1
MHz
FlashIF clock (FCLK)*1, *3
1.8 to 5.5 V
0.032768
-
1
Peripheral module clock (PCLKA)*3
1.8 to 5.5 V
-
-
1
Peripheral module clock (PCLKB)*3
1.8 to 5.5 V
-
-
1
Peripheral module clock (PCLKC)*2, *3
1.8 to 5.5 V
-
-
1
Peripheral module clock (PCLKD)*3
1.8 to 5.5 V
-
-
1
Table 2.20
Operation frequency value in low-voltage mode
Conditions: VCC = AVCC0 = 1.6 to 5.5 V
Parameter
Symbol
Min
Typ
Max*5
Unit
Operation
frequency
System clock (ICLK)*4
1.6 to 5.5 V
f
0.032768
-
4
MHz
FlashIF clock (FCLK)*1, *2, *4
1.6 to 5.5 V
0.032768
-
4
Peripheral module clock (PCLKA)*4
1.6 to 5.5 V
-
-
4
Peripheral module clock (PCLKB)*4
1.6 to 5.5 V
-
-
4
Peripheral module clock (PCLKC)*3, *4
1.6 to 5.5 V
-
-
4
Peripheral module clock (PCLKD)*4
1.6 to 5.5 V
-
-
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com