Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ACE24C64BD Datasheet(PDF) 1 Page - ACE Technology Co., LTD.

Part # ACE24C64BD
Description  Two-wire Serial EEPROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C64BD Datasheet(HTML) 1 Page - ACE Technology Co., LTD.

  ACE24C64BD Datasheet HTML 1Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 2Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C64BD Datasheet HTML 9Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
ACE24C64BD
Two-wire Serial EEPROM
VER 1.1
1
Description
The ACE24C64BD provides 65536 bits of serial electrically erasable and programmable read-only
memory (EEPROM) organized as 8196 words of 8 bits each. The device is optimized for use in many
industrial and commercial applications where low-power and low-voltage operation are essential. The
ACE24C64BD offer an additional page,named the identification Page(32bytes).The identification page
can be used to store sensitive application parameters which can be(later)permanently locked in
Read-only mode.
Features
Wide Voltage Operation
VCC = 1.7V to 5.5V
Operating Ambient Temperature: -40℃ to +85℃ Internally Organized:
64K bits(8K bytes)of EEPROM
Two-wire Serial Interface
Schmitt Trigger, Filtered Inputs for Noise Suppression Enhanced ESD/Latch-up protection
HBM 8000V
Bidirectional Data Transfer Protocol
1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz(1.7V)Compatibility
Write Protect Pin for Hardware Data Protection 32-bytes Page Write Modes
Additional Write lockable page Partial Page Writes Allowed
Self-timed Write Cycle (5 ms max) High-reliability
Endurance: 1 Million Write Cycles
Data Retention: 100 Years
8-lead DIP/SOP/TSSOP /TDFN and WLCSP4 Packages
Absolute Maximum Ratings
DC Supply Voltage
-0.3V to 6.5V
Input / Output Voltage
GND-0.3V to VCC+0.3V
Operating Temperature
-40℃ to 85℃
Storage Temperature
-65℃ to 150℃
Notice: Stresses above those listed under "Absolute Maximum Ratings" may cause permanent damage to this device. These are
stress ratings only. Functional operation of this device at these or any other conditions above those indicated in the
operational sections of this specification is not implied or intended. Exposure to the absolute maximum rating conditions
for extended periods may affect device reliability.


Similar Part No. - ACE24C64BD

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C64 ACE-ACE24C64 Datasheet
285Kb / 16P
Two-wire Serial EEPROM
VER 1.3
ACE24C64 ACE-ACE24C64 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C64 ACE-ACE24C64 Datasheet
663Kb / 17P
Two-wire Serial EEPROM
VER 1.7
ACE24C64DM+T ACE-ACE24C64DM+T Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C64DM+TH ACE-ACE24C64DM+TH Datasheet
663Kb / 17P
Two-wire Serial EEPROM
VER 1.7
More results

Similar Description - ACE24C64BD

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
Two-wire Serial EEPROM
VER 1.3
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
Two-wire Serial EEPROM
VER 1.3
ACE24C02 ACE-ACE24C02 Datasheet
654Kb / 20P
Two-wire Serial EEPROM
VER 1.3
ACE24C16A ACE-ACE24C16A_11 Datasheet
658Kb / 17P
Two-wire Serial EEPROM
VER 1.4
ACE24LC02 ACE-ACE24LC02_11 Datasheet
717Kb / 18P
Two-wire Serial EEPROM
VER 1.6
logo
ATMEL Corporation
AT24C02B-PU ATMEL-AT24C02B-PU Datasheet
676Kb / 26P
Two-wire Serial EEPROM
logo
List of Unclassifed Man...
FT24C512A ETC2-FT24C512A Datasheet
245Kb / 17P
Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com