Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LSEFDGM9553-R9 Datasheet(PDF) 5 Page - LIGITEK electronics co., ltd.

Part # LSEFDGM9553-R9
Description  SURFACE MOUNT LED TAPE AND REEL
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LSEFDGM9553-R9 Datasheet(HTML) 5 Page - LIGITEK electronics co., ltd.

  LSEFDGM9553-R9 Datasheet HTML 1Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 2Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 3Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LSEFDGM9553-R9 Datasheet HTML 9Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
Luminous Intensity Classification
PART NO. LSEFDGM9553/R9
4/12
Page
Iv(mcd) at 20mA
BIN CODE
Min.
Max.
Dominant Wavelength Classification
λD(nm) at 20mA
BIN CODE
Min.
Max.
Iv(mcd) at 20mA
BIN CODE
Min.
Max.
λD(nm) at 20mA
BIN CODE
Min.
Max.
DGM
1O
519
522
1P
522
525
1Q
525
528
1R
528
531
DGM
V-1
800
1000
V-2
1000
1250
W-1
1250
1600
W-2
1600
2000
SEF
20
598
600
21
600
603
22
603
606
23
606
609
24
609
612
SEF
T
320
500
U
500
800



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com