Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

INA231AIYFFR Datasheet(PDF) 32 Page - Texas Instruments

Click here to check the latest version.
Part # INA231AIYFFR
Description  High- or Low-Side Measurement, Bidirectional Current and Power Monitor With 1.8-V I2C Interface
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA231AIYFFR Datasheet(HTML) 32 Page - Texas Instruments

Back Button INA231AIYFFR Datasheet HTML 28Page - Texas Instruments INA231AIYFFR Datasheet HTML 29Page - Texas Instruments INA231AIYFFR Datasheet HTML 30Page - Texas Instruments INA231AIYFFR Datasheet HTML 31Page - Texas Instruments INA231AIYFFR Datasheet HTML 32Page - Texas Instruments INA231AIYFFR Datasheet HTML 33Page - Texas Instruments INA231AIYFFR Datasheet HTML 34Page - Texas Instruments INA231AIYFFR Datasheet HTML 35Page - Texas Instruments INA231AIYFFR Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 44 page
background image
ALERT
SDA
SCL
A0
NC
VS
A1
NC
GND
IN+
IN-
BUS
CBYPASS
Connect to supply for VS
VIA to GND
VIA to another layer
VIA to another layer
I
2C/SMBUS
interface
Alert output
(Can be left floating
if unused)
Tie to GND, VS,
SCL, or SDA to set
I
2C address
32
INA231
SBOS644A – FEBRUARY 2013 – REVISED JUNE 2017
www.ti.com
Product Folder Links: INA231
Submit Documentation Feedback
Copyright © 2013–2017, Texas Instruments Incorporated
10 Power Supply Recommendations
The INA231 input circuitry accurately measures signals on common-mode voltages beyond the device power-
supply voltage, VS. For example, the voltage applied to the power-supply pin (VS) can be 5 V; however, the load
power-supply voltage being monitored (the common-mode voltage) can be as high as 28 V. The device can also
withstand the full 0-V to 28-V range at the input terminals, regardless of whether the device has power applied or
not.
Place the required power-supply bypass capacitors as close as possible to the supply and ground pins of the
device. A typical value for this supply bypass capacitor is 0.1 μF. For more accurate results for applications with
noisy or high-impedance power supplies, use additional decoupling capacitors to reject power-supply noise.
11 Layout
11.1 Layout Guidelines
Connect the input pins (IN+ and IN–) to the sensing resistor using a Kelvin or 4-wire connection. These
connection techniques make sure that only the current-sensing resistor impedance is detected between the input
pins. Poor routing of the current-sensing resistor commonly results in additional resistance present between the
input pins. Given the very low ohmic value of the current-sensing resistor, any additional high-current-carrying
impedance causes significant measurement errors. Place the power-supply bypass capacitor as close as
possible to the supply and ground pins.
11.2 Layout Example
Figure 32. Layout Example



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com