Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AFB0612MB Datasheet(PDF) 1 Page - Delta Electronics, Inc.

Part # AFB0612MB
Description  THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.

AFB0612MB Datasheet(HTML) 1 Page - Delta Electronics, Inc.

  AFB0612MB Datasheet HTML 1Page - Delta Electronics, Inc. AFB0612MB Datasheet HTML 2Page - Delta Electronics, Inc. AFB0612MB Datasheet HTML 3Page - Delta Electronics, Inc. AFB0612MB Datasheet HTML 4Page - Delta Electronics, Inc. AFB0612MB Datasheet HTML 5Page - Delta Electronics, Inc. AFB0612MB Datasheet HTML 6Page - Delta Electronics, Inc. AFB0612MB Datasheet HTML 7Page - Delta Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image


Similar Part No. - AFB0612MB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFB0612MC DELTA-AFB0612MC Datasheet
181Kb / 1P
60 x 60 x 13 MM SERIES
AFB0612MD DELTA-AFB0612MD Datasheet
389Kb / 2P
60 x 60 x 20 MM SERIES
More results

Similar Description - AFB0612MB

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
AFC0712DB-F00 DELTA-AFC0712DB-F00 Datasheet
745Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC0712DD-TP10 DELTA-AFC0712DD-TP10 Datasheet
856Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-F00 DELTA-AFC1212D-F00 Datasheet
814Kb / 10P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFC1212D-SP19 DELTA-AFC1212D-SP19 Datasheet
827Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AFL28A2LU-BRA01 DELTA-AFL28A2LU-BRA01 Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312HA-AF00 DELTA-ASB0312HA-AF00 Datasheet
572Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
ASB0312MA-CF00 DELTA-ASB0312MA-CF00 Datasheet
798Kb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
AUB0412HDYFM DELTA-AUB0412HDYFM Datasheet
967Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB0712HD DELTA-BFB0712HD Datasheet
1Mb / 8P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
BFB1224H-T50R DELTA-BFB1224H-T50R Datasheet
465Kb / 9P
THIS SPECIFICATION DEFINES THE ELECTRICAL AND MECHANICAL CHARACTERISTICS OF THE DC BRUSHLESS AXIAL FLOW FAN.
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com