Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PS8352AL2 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # PS8352AL2
Description  ANALOG OUTPUT TYPE OPTICAL COUPLED ISOLATION AMPLIFIER
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS8352AL2 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button PS8352AL2 Datasheet HTML 4Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 5Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 6Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 7Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 8Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 9Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 10Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 11Page - Renesas Technology Corp PS8352AL2 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
PS8352AL2
Chapter Title
R08DS0132EJ0100 Rev.1.00
Page 8 of 19
Aug 31, 2015
Fig. 5 IIN+ Test Circuit
Fig. 6 VOUT Test Circuit
VOL
VOCM
VOH
0.01 F
μ
SHIELD
+
–
+
–
1
–
400 mV
2
3
4
8
7
6
5
0.1 F
μ
0.1 F
μ
5 V
5 V
0.01 F
μ
SHIELD
+
–
+
–
1
5 V
IIN+
2
3
4
8
7
6
5
0.1 F
μ
VOL
0.01 F
μ
SHIELD
+
–
+
–
1
2
3
4
8
7
6
5
0.1 F
μ
0.1 F
μ
5 V
5 V
VOCM
0.01 F
μ
SHIELD
+
–
+
–
1
400 mV
2
3
4
8
7
6
5
0.1 F
μ
0.1 F
μ
5 V
5 V
VOH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com