Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP60N06VLK Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # NP60N06VLK
Description  60 V ??60 A ??N-channel Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N06VLK Datasheet(HTML) 6 Page - Renesas Technology Corp

  NP60N06VLK Datasheet HTML 1Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 2Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 3Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 4Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 5Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 6Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 7Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 8Page - Renesas Technology Corp NP60N06VLK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
NP60N06VLK
R07DS1339EJ0100 Rev.1.00
Page 6 of 7
Apr 8, 2016
DRAIN TO SOURCE ON-STATE RESISTANCE vs.
CHANNEL TEMPERATURE
CAPACITANCE vs. DRAIN TO SOURCE VOLTAGE
0
5
10
15
-100
-50
0
50
100
150
200
Pulsed
VGS=4.5V
ID=15A
VGS=10V
ID=30A
Tch - Channel Temperature - °C
10
100
1000
10000
0.01
0.1
1
10
100
VGS = 0V
f = 1.0MHz
Crss
Ciss
Coss
VDS - Drain to Source Voltage - V
SWITCHING CHARACTERISTICS
DYNAMIC INPUT CHARACTERISTICS
1
10
100
1000
0.1
1
10
100
VDD = 30V
VGS=10V
RG=0Ω
td(on)
tr
td(off)
tf
ID - Drain Current - A
0
2
4
6
8
10
0
10
20
30
40
50
0
5
10
15
20
25
30
35
40
VDD= 48V
30V
12V
ID=60A
VDS
VGS
QG - Gate Charge - nC
SOURCE TO DRAIN DIODE FORWARD VOLTAGE
REVERSE RECOVERY TIME vs.
DRAIN CURRENT
0.1
1
10
100
1000
0
0.2
0.4
0.6
0.8
1
1.2
Pulsed
VGS=10V
0V
4.5V
VF(S-D) - Source to Drain Voltage - V
1
10
100
0.1
1
10
100
di/dt = 100A/μs
VGS = 0V
IF - Drain Current - A



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com