Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

NP60N06PLK Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NP60N06PLK
Description  60 V ??60 A ??N-channel Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NP60N06PLK Datasheet(HTML) 7 Page - Renesas Technology Corp

  NP60N06PLK Datasheet HTML 1Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 2Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 3Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 4Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 5Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 6Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 7Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 8Page - Renesas Technology Corp NP60N06PLK Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NP60N06PLK
R07DS1338EJ0100 Rev.1.00
Page 7 of 7
Apr 8, 2016
Package Drawings
(Unit: mm)
TO-263 (MP-25ZP) (Mass: 1.48 g TYP.)
Renesas package code: PRSS0004AL-A
No plating
7.88 MIN.
2.54
0.75 ±0.2
0.5
2
13
4
4.45 ±0.2
1.3 ±0.2
0.6 ±0.2
0 to 8°
1. Gate
2. Drain
3. Source
4. Fin (Drain)
0.025
to 0.25
0.25
10.0 ±0.3



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com