Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M52742ASP Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # M52742ASP
Description  BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52742ASP Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  M52742ASP Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52742ASP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
MITSUBISHI ICs (Monitor)
M52742ASP
BUS CONTROLLED 3-CHANNEL VIDEO PREAMP FOR CRT DISPLAY MONITOR
3
ABSOLUTE MAXIMUM RATINGS (Ta=25°C)
ELECTRICAL CHARACTERISTICS (VCC=12V, 5V, Ta=25°C, unless otherwise noted)
Symbol
Parameter
Ratings
Unit
VCC12
Supply voltage (pins 3,8,12,36)
13.0
Pd
Power dissipation
2403
mW
Topr
Ambient temperature
-20 to +75
C
Tstg
Storage temperature
-40 to +150
C
Vopr12
Recommended supply 12
12.0
V
Vopr5
5.0
V
Symbol
Parameter
Test
point
(s)
Input
CTL
voltage
BUS CTL (H)
Limits
Unit
2,6,11
RGB
in
1
OSD
BLK
4,9,13
OSD
in
19
CP in
27
ReT
BLK
7
SOG
in
16
UNI
in
30
Bri-
ght
15
ABL
00H
Main
cont
01H
Sub
cont
1
02H
Sub
cont
2
03H
Sub
cont
3
04H
OSD
Adj
05H
BLK
Adj
06H
D/A
OUT
1
07H
D/A
OUT
2
08H
D/A
OUT
3
09H
D/A
OUT
4
0BH
INT
EXT
Min. Typ. Max.
ICC1
Circuit
current1
IA
a
a
a
b
SG5
a
a
a
4.0 5.0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
00H
0
FFH
255
FFH
255
FFH
255
FFH
255
00H
0
-
126 146
mA
ICC2
Circuit
current2
IB
a
a
a
b
SG5
a
a
a
4.0 5.0
-
18
25
mA
Vomax
Output
dynamic range
OUT
b
SG2
a
a
b
SG5
a
a
a
Vari
able
5.0
6.0
8.0
-
VP-P
Vimax
Maximum
input
IN
OUT
b
SG2
Variable
a
a
b
SG5
a
a
a
2.0 5.0
64H
100
1.6
-
-
VP-P
Gv
Maximum
gain
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
FFH
255
16.5 17.7 19.4
dB
∆Gv
Relative max-
imum gain
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
VC1
Main contrast
control
characteristics1
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
C8H
200
15.5 17.0 18.5
dB
∆VC1
Main contrast
control relative
characteristics1
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
VC2
Main contrast
control
characteristics2
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
64H
100
9.5 11.0 12.5
dB
∆VC2
Main contrast
control relative
characteristics2
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
VC3
Main contrast
control
characteristics3
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
14H
20
0.2
0.4
0.6
∆VC3
Main contrast
control relative
characteristics3
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
VSC1
Sub contrast
control
characteristics1
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
FFH
255
C8H
200
C8H
200
C8H
200
16.0 17.5 19.0
dB
∆VSC1
Sub contrast
control relative
characteristics1
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
VSC2
S
ub contrast
control
characteristics2
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
FFH
255
64H
100
64H
100
64H
100
12.0 13.5 15.0
dB
∆VSC2
Sub contrast
control relative
characteristics2
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
VSC3
Sub contrast
control
characteristics3
OUT
b
SG1
a
a
b
SG5
a
a
a
2.0 5.0
FFH
255
14H
20
14H
20
14H
20
1.5
1.9
2.2
∆VSC3
Sub contrast
control relative
characteristics3
-
-
-
-
-
-
-
-
-
-
-
-
-
-
0.8
1.0
1.2
-
PRELIMINARY
Notice:This
is not
a final
specification.
Some parametric
limits are
subject
to change.
VCC5
Supply voltage (pin 17)
6.0
°
V
V
°
Recommended supply 5
VP-P
VP-P



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com