Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TCA9535 Datasheet(PDF) 21 Page - Texas Instruments

Part # TCA9535
Description  Low-Voltage 16-Bit I2C and SMBus Low-Power I/O Expander with Interrupt Output and Configuration Registers
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TCA9535 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TCA9535_17 Datasheet HTML 17Page - Texas Instruments TCA9535_17 Datasheet HTML 18Page - Texas Instruments TCA9535_17 Datasheet HTML 19Page - Texas Instruments TCA9535_17 Datasheet HTML 20Page - Texas Instruments TCA9535_17 Datasheet HTML 21Page - Texas Instruments TCA9535_17 Datasheet HTML 22Page - Texas Instruments TCA9535_17 Datasheet HTML 23Page - Texas Instruments TCA9535_17 Datasheet HTML 24Page - Texas Instruments TCA9535_17 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
1
2
3
4
5
6
7
8
9
S
1
0
0
0
A2 A1 A0
1
A
7
6
5
4
3
2
1
0
A
I0.x
7
6
5
4
3
2
1
0
A
I1.x
7
6
5
4
3
2
1
0
A
I0.x
7
6
5
4
3
2
1
0
1
I1.x
P
R/W
SCL
SDA
INT
tir
tiv
Read From Port 0
Data Into Port 0
Read From Port 1
Data Into Port 1
Acknowledge
From Master
Acknowledge
From Slave
Acknowledge
From Master
Acknowledge
From Master
No Acknowledge
From Master
21
TCA9535
www.ti.com
SCPS201D – AUGUST 2009 – REVISED JULY 2016
Product Folder Links: TCA9535
Submit Documentation Feedback
Copyright © 2009–2016, Texas Instruments Incorporated
Programming (continued)
After a restart, the value of the register defined by the command byte matches the register being accessed when
the restart occurred. For example, if the command byte references Input Port 1 before the restart, and the restart
occurs when Input Port 0 is being read, the stored command byte changes to reference Input Port 0. The original
command byte is forgotten. If a subsequent restart occurs, Input Port 0 is read first. Data is clocked into the
register on the rising edge of the ACK clock pulse. After the first byte is read, additional bytes may be read, but
the data now reflect the information in the other register in the pair. For example, if Input Port 1 is read, the next
byte read is Input Port 0.
Data is clocked into the register on the rising edge of the ACK clock pulse. There is no limitation on the number
of data bytes received in one read transmission, but when the final byte is received, the bus master must not
acknowledge the data. Figure 30 and Figure 31 show two different scenarios of Read Input Port Register.
Transfer of data can be stopped at any time by a Stop condition. When this occurs, data present at the latest
acknowledge phase is valid (output mode). It is assumed that the command byte previously has been set to 00 (read
Input Port register).
This figure eliminates the command byte transfer, a restart, and slave address call between the initial slave address
call and actual data transfer from the P port.
Figure 30. Read Input Port Register, Scenario 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com