Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT7M2176 Datasheet(PDF) 10 Page - Holtek Semiconductor Inc

Part # HT7M2176
Description  PIR Detector Miniaturized Module
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7M2176 Datasheet(HTML) 10 Page - Holtek Semiconductor Inc

Back Button HT7M2176 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 9Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 10Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 11Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 12Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 13Page - Holtek Semiconductor Inc HT7M2176 Datasheet HTML 14Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
Rev. 1.20
10
June 17, 2016
HT7M2126/27/36/56/76
Appendix A – Communication Protocol
Protocol definitions
Module I2C Address Defined
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
I2C Address
IICA6
IICA5
IICA4
IICA3
IICA2
IICA1
IICA0
R/W
1
0
0
1
1
0
0
x
Register Pointer
HOST_CMD
Bit7
Bit6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
D7
D6
D5
D4
Pointer Bit
Bit 7~4
D7~D4:Writablebits,mustbefixedat“0”
Bit7~4mustalwaysbeclearedorwrittento“0”.Thisdevicehasadditionalregistersthatare
reserved for test and calibration. If these registers are accessed, the device may not perform
accordingtothespecification.
Bit 3~0
Pointer Bits:
0000=Configstandbywithdetectingmode
0001=Configurationregister(CONFIG)
0010=Configmoduleaddress
0011=ConfigTrigtimeinterval
0100 = EEPROM access
0101 = PIR A/D RAW data
0110 = Optical sensor A/D RAW data
0111 = Temperature sensor A/D RAW data
1000 = Trig register
1001 = Manufacture ID
1010 = Device ID/Revision register
1011 =Testresultinquire
1100 = Reset test result
1xxx=RFU(Note)
Note: Some registers contain calibration codes and should not be accessed. Accessing these registers could cause
permanent sensor decalibration.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com