Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F10RF8G Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F10RF8G
Description  Ultra-Low Power Technology
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F10RF8G Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F10RF8G Datasheet HTML 45Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 46Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 47Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 48Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 49Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 50Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 51Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 52Page - Renesas Technology Corp R5F10RF8G Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 136 page
background image
RL78/L12
2. ELECTRICAL SPECIFICATIONS (A, G: TA = -40 to +85
°C)
R01DS0157EJ0210 Rev.2.10
Sep 30, 2016
Page 49 of 131
(5) Communication at different potential (2.5 V, 3 V) (CSI mode) (master mode, SCKp... internal clock output,
corresponding CSI00 only)
(TA =
−40 to +85°C, 2.7 V ≤ EVDD = VDD ≤ 5.5 V, VSS = EVSS = 0 V)
Parameter
Symbol
Conditions
HS (high-
speed main)
Mode
LS (low-speed
main) Mode
LV (low-
voltage main)
Mode
Unit
MIN. MAX. MIN. MAX. MIN. MAX.
SCKp cycle time
tKCY1
tKCY1
≥ 2/fCLK 4.0 V ≤ EVDD ≤ 5.5 V,
2.7 V
≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
200
Note 1
1150
Note 1
1150
Note 1
ns
2.7 V
≤ EVDD < 4.0 V,
2.3 V
≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
300
Note 1
1150
Note 1
1150
Note 1
ns
SCKp high-level width
tKH1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
tKCY1/2
− 50
tKCY1/2
− 50
tKCY1/2
− 50
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
tKCY1/2
− 120
tKCY1/2
− 120
tKCY1/2
− 120
ns
SCKp low-level width
tKL1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
tKCY1/2
− 7
tKCY1/2
− 50
tKCY1/2
− 50
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
tKCY1/2
− 10
tKCY1/2
− 50
tKCY1/2
− 50
ns
SIp setup time
(to SCKp
↑)
Note 2
tSIK1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
58
479
479
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
121
479
479
ns
SIp hold time
(from SCKp
↑)
Note 2
tKSI1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
10
10
10
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
10
10
10
ns
Delay time from SCKp
↓ to
SOp output
Note 2
tKSO1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
60
60
60
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
130
130
130
ns
SIp setup time
(to SCKp
↓)
Note 3
tSIK1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
23
110
110
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
33
110
110
ns
SIp hold time
(from SCKp
↓)
Note 3
tKSI1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
10
10
10
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
10
10
10
ns
Delay time from SCKp
↑ to
SOp output
Note 3
tKSO1
4.0 V
≤ EVDD ≤ 5.5 V, 2.7 V ≤ Vb ≤ 4.0 V,
Cb = 20 pF, Rb = 1.4 k
Ω
10
10
10
ns
2.7 V
≤ EVDD < 4.0 V, 2.3 V ≤ Vb ≤ 2.7 V,
Cb = 20 pF, Rb = 2.7 k
Ω
10
10
10
ns
(Notes, Caution and Remarks are listed on the next page.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com