Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSV911 Datasheet(PDF) 6 Page - STMicroelectronics

Part # TSV911
Description  Single, dual, and quad rail-to-rail input/output 8 MHz operational amplifiers
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSV911 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button TSV911 Datasheet HTML 2Page - STMicroelectronics TSV911 Datasheet HTML 3Page - STMicroelectronics TSV911 Datasheet HTML 4Page - STMicroelectronics TSV911 Datasheet HTML 5Page - STMicroelectronics TSV911 Datasheet HTML 6Page - STMicroelectronics TSV911 Datasheet HTML 7Page - STMicroelectronics TSV911 Datasheet HTML 8Page - STMicroelectronics TSV911 Datasheet HTML 9Page - STMicroelectronics TSV911 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Electrical characteristics
TSV91x, TSV91xA
6/27
DocID12584 Rev 10
3
Electrical characteristics
In the electrical characteristic tables below, all parameter limits at temperatures other than
25 °C are guaranteed by correlation.
Table 4: Electrical characteristics at VCC+ = 2.5 V, VCC- = 0 V, Vicm = VCC/2,
with RL connected to VCC/2, full temperature range (unless otherwise specified)
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
DC performance
Vio
Offset voltage, TSV91x
Top = 25 °C
0.1
4.5
mV
Tmin < Top < Tmax
7.5
Offset voltage, TSV91xA
Top = 25 °C
1.5
Tmin < Top < Tmax
3
∆Vio/∆T
Input offset voltage drift
5
μV/°C
Iio
Input offset current (1)
Top = 25 °C
1
10
pA
Tmin < Top < Tmax
100
Iib
Input bias current (1)
Top = 25 °C
1
10
Tmin < Top < Tmax
100
CMR
Common mode rejection
ratio, 20 log (ΔVic/ΔVio)
0 V to 2.5 V, Vout = 1.25 V,
Top = 25 °C
58
75
dB
Tmin < Top < Tmax
53
Avd
Large signal voltage gain
RL = 10
kΩ, Vout = 0.5 V to 2 V,
Top = 25 °C
80
89
Tmin < Top < Tmax
75
VCC -
VOH
High-level output voltage
RL = 10
kΩ
15
40
mV
Tmin < Top < Tmax
40
RL = 600
Ω
45
150
Tmin < Top < Tmax
150
VOL
Low-level output voltage
RL = 10
kΩ
15
40
Tmin < Top < Tmax
40
RL = 600
Ω
45
150
Tmin < Top < Tmax
150
Iout
Isink
Vo = 2.5 V, Top = 25 °C
18
32
mA
Tmin < Top < Tmax
16
Isource
Vo = 0 V, Top = 25 °C
18
35
Tmin < Top < Tmax
16
ICC
Supply current
(per channel)
No load, Vout = VCC/2
0.78
1.1
Tmin < Top < Tmax
1.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com