Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSX712IYST Datasheet(PDF) 29 Page - STMicroelectronics

Part # TSX712IYST
Description  Low-power, precision, rail-to-rail, 2.7 MHz, 16 V CMOS operational amplifiers
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TSX712IYST Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TSX712IYST Datasheet HTML 23Page - STMicroelectronics TSX712IYST Datasheet HTML 24Page - STMicroelectronics TSX712IYST Datasheet HTML 25Page - STMicroelectronics TSX712IYST Datasheet HTML 26Page - STMicroelectronics TSX712IYST Datasheet HTML 27Page - STMicroelectronics TSX712IYST Datasheet HTML 28Page - STMicroelectronics TSX712IYST Datasheet HTML 29Page - STMicroelectronics TSX712IYST Datasheet HTML 30Page - STMicroelectronics TSX712IYST Datasheet HTML 31Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 29 / 31 page
background image
TSX711, TSX711A, TSX712
Ordering information
DocID025959 Rev 5
29/31
7
Ordering information
Table 9: Order codes
Order code
Temperature range
Package
Packaging
Marking
TSX711ILT
-40 to 125 °C
SΟΤ23-5
Tape and reel
K29
TSX711AILT
K195
TSX711IYLT (1)
-40 to 125 °C
(automotive grade)
K197
TSX711AIYLT (1)
K198
TSX712IDT
-40 to 125 °C
SO8
TSX712
TSX712IST
MiniSO8
K211
TSX712IYDT (1)
-40 to 125 °C
(automotive grade)
SO8
TSX712Y
TSX712IYST (1)
MiniSO8
K212
Notes:
(1)Qualification and characterization according to AEC Q100 and Q003 or equivalent, advanced screening
according to AEC Q001 & Q 002 or equivalent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com