Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VL53L0X Datasheet(PDF) 9 Page - STMicroelectronics

Part # VL53L0X
Description  World smallest Time-of-Flight ranging and gesture detection sensor
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL53L0X Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VL53L0X Datasheet HTML 5Page - STMicroelectronics VL53L0X Datasheet HTML 6Page - STMicroelectronics VL53L0X Datasheet HTML 7Page - STMicroelectronics VL53L0X Datasheet HTML 8Page - STMicroelectronics VL53L0X Datasheet HTML 9Page - STMicroelectronics VL53L0X Datasheet HTML 10Page - STMicroelectronics VL53L0X Datasheet HTML 11Page - STMicroelectronics VL53L0X Datasheet HTML 12Page - STMicroelectronics VL53L0X Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DocID029104 Rev 1
9/40
VL53L0X
Functional description
37
2
Functional description
2.1
System functional description
Figure 4 shows the system level functional description. The host customer application is
controlling the VL53L0X device using an API (Application Programming Interface).
The API is exposing to the customer application a set of high level functions that allows
control of the VL53L0X Firmware (FW) like initialization/calibration, ranging Start/Stop,
choice of accuracy, choice of ranging mode.
The API is a turnkey solution, it consists of a set of C functions which enables fast
development of end user applications, without the complication of direct multiple register
access. The API is structured in a way that it can be compiled on any kind of platform
through a well isolated platform layer.
The API package allows the user to take full benefit of VL53L0X capabilities.
A detailed description of the API is available in the VL53L0X API User Manual (separate
document, DocID029105).
VL53L0X FW fully manages the hardware (HW) register accesses.
Section 2.2: Firmware state machine description details the Firmware state machine.
Figure 4. VL53L0X system functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com