Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SMD18PL Datasheet(PDF) 1 Page - Nanjing International Group Co

Part # SMD18PL
Description  1 Amp Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

SMD18PL Datasheet(HTML) 1 Page - Nanjing International Group Co

  SMD18PL Datasheet HTML 1Page - Nanjing International Group Co SMD18PL Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1 Amp Schottky
Rectifier
50 to 200 Volts
Features
•
Schottky Barrier Rectifier
•
High Current Capability
•
Low Forward Voltage
Maximum Ratings
•
Operating Temperature: -55
°C to +125°C
•
Storage Temperature: -55
°C to +150°C
•
Maximum Thermal Resistance; 28
°C/W Junction To Lead
MCC
Catalog
Number
Device
Marking
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS
Voltage
Maximum
DC
Blocking
Voltage
SMD15PL
D5
50V
35V
50V
SMD16PL
D6
60V
42V
60V
SMD18PL
D8
80V
56V
80V
SMD110PL
D10
100V
70V
100V
Electrical Characteristics @ 25
°C Unless Otherwise Specified
Average Forward
Current
IF(AV)
1.0A
TL = 90
°C
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
SMD1
5PL-16PL
SMD1
8PL-1150PL
VF
.
70V
.
85V
IFM = 1.0A;
TJ = 25
°C(Note:2)
Typical Junction
Capacitance
SMD12PL -16PL
SMD18PL-11
50PL
CJ
110pF
30pF
Measured at
1.0MHz, VR=4.0V
Note:1.High Temperature Solder Exemption Applied, see EU Directive Annex 7.
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
0.5mA
20mA
TA = 25
°C
TA = 100
°C
SOD-123FL
•
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
2.Pulse test: Pulse width 300 sec, Duty cycle 2%
0.036”
0.093”
0.048”
SUGGESTED SOLDER
PAD LAYOUT
DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.140
.152
3.55
3.85
B
.100
.112
2.55
2.85
C
.055
.071
1.40
1.80
D
.037
.053
0.95
1.35
E
.020
.039
0.50
1.00
G
.010
-----
0.25
-----
H
-----
.008
----
.20
A
B
E
C
D
H
G
SMD1
150PL
D
15
150V
105V
150V
•
Epoxy meets UL 94 V-0 flammability rating
•
Moisture Sensitivity Level 1
SMD120
0PL
D20
20
0V
140V
200V
SMD120
0PL
.95V
SMD
15PL THRU SMD1200PL
1 Amp Schottky Rectifier


Similar Part No. - SMD18PL

ManufacturerPart #DatasheetDescription
logo
Micro Commercial Compon...
SMD18PL MCC-SMD18PL Datasheet
201Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts
SMD18PL MCC-SMD18PL Datasheet
215Kb / 3P
1 Amp Schottky Rectifier 50 to 200 Volts Low Forward Voltage
SMD18PL MCC-SMD18PL Datasheet
229Kb / 3P
1 Amp Schottky Rectifier 50 to 80 Volts
logo
Nanjing International G...
SMD18PL DGNJDZ-SMD18PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
SMD18PL DGNJDZ-SMD18PL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results

Similar Description - SMD18PL

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5817G MICROSEMI-1N5817G Datasheet
116Kb / 3P
1 Amp Schottky Rectifier
5817SM MICROSEMI-5817SM Datasheet
116Kb / 3P
1 Amp Schottky Rectifier
HSM150 MICROSEMI-HSM150 Datasheet
76Kb / 2P
1 Amp Schottky Rectifier
HSM150G MICROSEMI-HSM150G Datasheet
90Kb / 2P
1 Amp Schottky Rectifier
HSM180J MICROSEMI-HSM180J Datasheet
94Kb / 2P
1 Amp Schottky Rectifier
logo
International Rectifier
10BQ100PBF IRF-10BQ100PBF Datasheet
123Kb / 7P
SCHOTTKY RECTIFIER 1 Amp
MBRS130LTRPBF IRF-MBRS130LTRPBF Datasheet
111Kb / 6P
SCHOTTKY RECTIFIER 1 Amp
logo
Digitron Semiconductors
1N5817 DIGITRON-1N5817 Datasheet
107Kb / 3P
1 AMP SCHOTTKY RECTIFIER
logo
Nanjing International G...
SMD15PL.1A-SOD-123FL DGNJDZ-SMD15PL.1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
SMD18PL.1A-SOD-123FL DGNJDZ-SMD18PL.1A-SOD-123FL Datasheet
124Kb / 2P
1 Amp Schottky Rectifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com