Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND5E008ASPTR-E Datasheet(PDF) 21 Page - STMicroelectronics

Part # VND5E008ASPTR-E
Description  Double channel high-side driver with analog current sense for automotive applications
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E008ASPTR-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND5E008ASPTR-E Datasheet HTML 17Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 18Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 19Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 20Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 21Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 22Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 23Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 24Page - STMicroelectronics VND5E008ASPTR-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 33 page
background image
DocID023813 Rev 4
21/33
VND5E008ASP-E
Application information
32
3.3
Current sense and diagnostic
The current sense pin performs a double function (see Figure 16: Current sense and
diagnostic):
•
Current mirror of the load current in normal operation, delivering a current
proportional to the load one according to a known ratio KX.
The current ISENSE can be easily converted to a voltage VSENSE by means of an
external resistor RSENSE. Linearity between IOUT and VSENSE is ensured up to 5V
minimum (see parameter VSENSE in Table 9: Current sense (8 V < VCC < 18 V)). The
current sense accuracy depends on the output current (refer to current sense electrical
characteristics Table 9: Current sense (8 V < VCC < 18 V)).
•
Diagnostic flag in fault conditions, delivering a fixed voltage VSENSEH up to a
maximum current ISENSEH in case of the following fault conditions (refer to Truth table):
–
Power limitation activation
–
Overtemperature
–
Short to VCC in off-state
–
Open-load in off-state with additional external components.
A logic level high on CS_DIS pin sets at the same time all the current sense pins of the
device in a high impedance state, thus disabling the current monitoring and diagnostic
detection. This feature allows multiplexing of the microcontroller analog inputs by sharing of
sense resistance and ADC line among different devices.
Figure 16. Current sense and diagnostic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com