Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F56514FDFB Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # R5F56514FDFB
Description  120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F56514FDFB Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button R5F56514FDFB Datasheet HTML 10Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 11Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 12Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 13Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 14Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 15Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 16Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 17Page - Renesas Technology Corp R5F56514FDFB Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 190 page
background image
RX65N Group, RX651 Group
1. Overview
R01DS0276EJ0100 Rev.1.00
Page 14 of 190
Aug 24, 2016
Figure 1.1
How to Read the Product Part Number
R5
F
5
6
5
N
9
A
D
F
B
Package type, number of pins, and pin pitch
FB: LFQFP/144/0.50
FP: LFQFP/100/0.50
LK: TFLGA/145/0.50
LJ: TFLGA/100/0.65
D: Operating peripheral temperature:
–40 to +85°C
G: Operating peripheral temperature:
–40 to +105°C (in planning)
A: Encryption module not included, SDHI/SDSI module not
included
B: Encryption module not included, SDHI/SDSI module
included
E: Encryption module included, SDHI/SDSI module not
included
F: Encryption module included, SDHI/SDSI module
included
Code flash memory, RAM, and data flash memory capacity
4: 512 Kbytes/256 Kbytes/not included
7: 768 Kbytes/256 Kbytes/not included
9: 1 Mbyte/256 Kbytes/not included
Group name
5N: RX65N Group
51: RX651 Group
Series name
RX600 Series
Type of memory
F: Flash memory version
Renesas MCU
Renesas semiconductor product



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com