Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9710SEFT/V Datasheet(PDF) 26 Page - Wolfson Microelectronics plc

Part # WM9710SEFT/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFT/V Datasheet(HTML) 26 Page - Wolfson Microelectronics plc

Back Button WM9710SEFT/V Datasheet HTML 22Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 23Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 24Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 25Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 26Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 27Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 28Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 29Page - Wolfson Microelectronics plc WM9710SEFT/V Datasheet HTML 30Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
26
CONTROL
BIT
FUNCTION
AMUTE
Indicates automute has been detected in the audio DAC (all ‘0’ data) – read only
HSCP
Headset detect comparator output – read only
MPUEN
Mic pull up enable
MHPZ
Mono headphone tristate enable
PSEL
PHONE to MONO path switch enable
HSDT
Overrides Headset detect comparator, forcing left headphone amp to tristate
HSEN
Headset auto-detect enable
HPND
Headphone with no DAC enable
AMEN
Automute enable bit
I
2S
I
2S data output enable
ADCNDAC
ADC no DAC path enable
ADCO
ADC to SPDIF and/or I
2S output
HPF
ADC high pass filter disable;
HSCMP
Headset comparator enable bit
ASS1
ADC slot map control
ASS0
ADC slot map control
Table 18 Vendor Specific Control Register 5Ch
AMUTE indicates automute state has been detected. This is a read-only bit. 1 = automute
detected.
HSCP is a read only bit, indicating headset detected. It is the output from the headset autodetect
comparator. 0 = headset detected.
MPUEN enables a 5mA (typ) pull up current on the MIC1 input pin, which when a headset
microphone of high impedance is plugged in, causes the MIC1 pin to pull up to above Vmid, and
be detected. 1 = enable.
MHPZ tristates the MONO headphone driver output buffer. 1 = tristate.
PSEL enables the switch from PHONE input to MONO output; see block diagram. 1 = enable.
HSDT overrides the headset auto-detect comparator, forcing the left headphone output to tristate
and the HPLOUTL pin to be used as a headset microphone input path to the mic1 preamplifier
input. 1 = autodetect comparator override.
HSEN enables headset auto-detect function. HSCMP enables the headset detect comparator. 1 =
enable.
HPND enables the switch which outputs only the analog mixer output to the HPHONE outputs,
without the DAC signal being summed in. See block diagram. 1 = enable.
AMEN enables the DAC automute function, which detects zero data on both dac channels and
auto-mutes the outputs under this condition. 1 = enable.
Bit I
2S enables I2S output, sending an LRCLK to pin 43 (PWRUP/LRC) and I2S data to the
SPEN/I
2S pin (pin 44). BITCLK is used to clock out the data. Only 48kHz data is supported. 1 =
enable.
ADCNDAC selects input to the ADC from before the point where the DAC signal is summed in. 1
= select.
Bit ADCO is used to select data from the internal ADCs to be output as SPDIF or I
2S data on
these pins rather than the data from the selected AC link slot. 1 = select.
HPF turns off the digital high pass filter in the ADC output when set to ‘1’.
ASS1, ASS0 are ADC slot mapping control bits. See table below. Default is slots 3 and 4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com