Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9710SEFL/V Datasheet(PDF) 15 Page - Wolfson Microelectronics plc

Part # WM9710SEFL/V
Description  AC97 Audio CODEC and Mixer with Integrated Headphone Driver
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9710SEFL/V Datasheet(HTML) 15 Page - Wolfson Microelectronics plc

Back Button WM9710SEFL/V Datasheet HTML 11Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 12Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 13Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 14Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 15Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 16Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 17Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 18Page - Wolfson Microelectronics plc WM9710SEFL/V Datasheet HTML 19Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 32 page
background image
WM9710
Production Data
w
PD Rev 4.0 December 2003
15
3-D STEREO ENHANCEMENT
This device contains a stereo enhancement circuit, designed to optimise the listening experience
when the device is used in a typical PC operating environment. That is, with a pair of speakers
placed either side of the monitor with little spatial separation. This circuit creates a difference
signal by differencing left and right channel playback data, then filters this difference signal using
lowpass and highpass filters whose time constants are set using external capacitors connected to
the CX3D pins 33 and 34. Typically the values of 100nF and 47nF set highpass and lowpass
poles at about 100Hz and 1kHz respectively. This frequency band corresponds to the range over
which the ear is most sensitive to directional effects.
The filtered difference signal is gain adjusted by an amount set using the 4-bit value written to
Register 22h bits 3 to 0. Value 0h is disable, value Fh is maximum effect. Typically a value of 8h
is optimum. The user interface would most typically use a slider type of control to allow the user to
adjust the level of enhancement to suit the program material. Bit D13 3D in Register 20h is the
overall 3D enable bit. The Reset Register 00h reads back the value 11000 in bits D14 to D10.
This corresponds to decimal 24, which is registered with Intel as Wolfson Stereo Enhancement.
Note that the external capacitors setting the filtering poles applied to the difference signal may be
adjusted in value, or even replaced with a direct connection between the pins. If such adjustments
are made, then the amount of difference signal fed back into the main signal paths may be
significant, and can cause large signals which may limit, distort, or overdrive signal paths or
speakers. Adjust these values with care, to select the preferred acoustic effect. There is no
provision for pseudo-stereo effects. Mono signals will have no enhancement applied (if the signals
are in phase and of the same amplitude). Signals from the PCM DAC channels can have stereo
enhancement applied. It can also be bypassed if desired. This function is enabled by setting the
bit POP in Register 20h.
VARIABLE SAMPLE RATE SUPPORT
The DACs and ADCs on this device support all the recommended sample rates specified in the
Intel AC’97 rev2.1 & rev2.2 specifications for audio rates. The default rate is 48kHz. If alternative
rates are selected and variable rate audio is enabled (Register 2Ah, bit 0), the AC’97 interface
continues to run at 48k words per second, but data is transferred across the link in bursts such
that the net sample rate selected is achieved. It is up to the AC’97 Revision 2.1/2 compliant
controller to ensure that data is supplied to the AC link, and received from the AC link, at the
appropriate rate.
Variable rates are selected by writing to registers 2Ch (DAC) and 32h (ADC). ADC and DAC rates
may be set independently, with left and right channels always at the same rate. The device
supports on demand sampling. That is, when the DAC signal processing circuits need another
sample, a sample request is sent to the controller which must respond with a data sample in the
next frame it sends. For example, if a rate of 24kHz is selected, on average the device will
request a sample from the controller every other frame, for each of the stereo DACs. Note that if
an unsupported rate is written to one of the rate registers, the rate will default to the nearest rate
supported. The Register will then respond, when interrogated, with the supported rate the device
has defaulted to.
The WM9710 clocks will scale automatically dependent upon the MCLK frequency, where MCLK
is not equal to 24.576MHz. With a 24MHz clock the BCLK frequency expected will be 12MHz and
the sampling frequency (SYNC0 expected is BCLK/256 = 46.875kHz.
AUDIO
SAMPLE RATE
CONTROL VALUE
D15-D0
8000
1F40
11025
2B11
16000
3E80
22050
5622
32000
7D000
44100
AC44
48000
BB80
Table 1 Variable Sample Rates Supported



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com