Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

WM9705SEFL/RV Datasheet(PDF) 9 Page - Wolfson Microelectronics plc

Part # WM9705SEFL/RV
Description  Multimedia AC97 CODEC with Integrated Touch Screen Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM9705SEFL/RV Datasheet(HTML) 9 Page - Wolfson Microelectronics plc

Back Button WM9705SEFL/RV Datasheet HTML 5Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 6Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 7Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 8Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 9Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 10Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 11Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 12Page - Wolfson Microelectronics plc WM9705SEFL/RV Datasheet HTML 13Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
WM9705
Production Data
w
PD Rev 4.0 December 2003
9
Test Characteristics:
AVDD = 3.3V, DVDD = 3.3V, 48kHz audio sampling, TA = 25
oC, unless otherwise stated.
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Mixer Inputs to Line-out (10k
Ω
Ω
Ω
Ω load)
Maximum input voltage
AGND
0.7
AVDD
Vrms
Maximum output voltage
on LINEOUT
0.7
Vrms
CD inputs
90
92
Signal to Noise Ratio
A-weighted (Note 2)
SNR
Other inputs
82
93
dB
CD and LINE inputs
-87
0.0044
-77
0.014
PHONE input
-82
0.008
-71
0.028
MIC1 input
-82
0.008
-71
0.028
MIC2 input
-90
0.003
-71
0.028
Total Harmonic Distortion +
Noise
-1dBfs input
THD+N
PCBEEP input
-78
0.013
-67
0.045
dB
%
Input impedance (CD inputs)
At any gain
15
k
Ω
At max gain
10
20
k
Ω
Input impedance (other mixer
inputs)
At 0db gain
50
100
k
Ω
At max gain
10
20
k
Ω
Input impedance MIC inputs
At 0db gain
55
100
k
Ω
Power Supply Rejection Ratio
PSRR
20 to 20kHz, without
supply decoupling
-40
dB
Headphone Buffer (pins HPOUTL, HPOUR and MONOOUT)
Maximum output voltage
0.7
Vrms
RL = 32
Ω
30
mW
Max Output Power (Note 1)
PO
RL = 16
Ω
40
mW
SNR (Note 2)
A-weighted
85
92
dB
1kHz, RL = 32
Ω @ PO =
10mW rms
-80
0.01
dB
%
1kHz, RL = 32
Ω@ PO =
20mW rms
-77
0.014
dB
%
1kHz, RL = 16
Ω @ PO =
10mW rms
-76dB
0.016
dB
%
Total Harmonic Distortion +
Noise
THD+N
1kHz, RL = 16
Ω@ PO =
20mW rms
-75dB
0.018
dB
%
Power Supply Rejection Ratio
PSRR
20 to 20kHz, without
supply decoupling
-40
dB
Clocks
Crystal clock
24.576
MHz
BITCLK frequency
12.288
MHz
SYNC frequency
48.0
KHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com