Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F51118ADFM Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # R5F51118ADFM
Description  32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
PDF  127 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F51118ADFM Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button R5F51118ADFM Datasheet HTML 45Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 46Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 47Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 48Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 49Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 50Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 51Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 52Page - Renesas Technology Corp R5F51118ADFM Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 127 page
background image
R01DS0190EJ0130 Rev.1.30
Page 49 of 127
May 31, 2016
RX111 Group
5. Electrical Characteristics
5.
Electrical Characteristics
5.1
Absolute Maximum Ratings
Caution: Permanent damage to the MCU may result if absolute maximum ratings are exceeded.
To preclude any malfunctions due to noise interference, insert capacitors of high frequency characteristics between the VCC and
VSS pins, between the AVCC0 and AVSS0 pins, between the VCC_USB and VSS_USB pins, and between the VREFH0 and
VREFL0 pins. Place capacitors of about 0.1 μF as close as possible to every power supply pin and use the shortest and heaviest
possible traces. Also, connect capacitors as stabilization capacitance.
Connect the VCL pin to a VSS pin via a 4.7 μF capacitor. The capacitor must be placed close to the pin, refer to section 5.12.1,
Connecting VCL Capacitor and Bypass Capacitors.
Do not input signals or an I/O pull-up power supply to ports other than 5-V tolerant ports while the device is not powered. The
current injection that results from input of such a signal or I/O pull-up may cause malfunction and the abnormal current that
passes in the device at this time may cause degradation of internal elements.
If input voltage (within the specified range from -0.3 to + 6.5V) is applied to 5-V tolerant ports, it will not cause problems such as
damage to the MCU.
Note 1. Ports P16, P17, PA6, and PB0 are 5 V tolerant.
Note 2. The upper limit of operating temperature is 85°C or 105°C, depending on the product. For details, refer to 1.2 List of Products.
Note 1. When powering on AVCC0 and VCC, power them on at the same time or VCC first.
Note 2. For details, refer to section 30.7.10, Voltage Range of Analog Power Supply Pins in the User’s Manual: Hardware.
Table 5.1
Absolute Maximum Ratings
Conditions:
VSS = AVSS0 = VREFL0 = VSS_USB = 0 V
Item
Symbol
Value
Unit
Power supply voltage
VCC, VCC_USB
–0.3 to +4.6
V
Input voltage
Ports for 5 V tolerant*1
Vin
–0.3 to +6.5
V
Ports P40 to P44, P46,
ports PJ6, PJ7
Vin
–0.3 to AVCC0 +0.3
V
Ports other than above
Vin
–0.3 to VCC +0.3
V
Reference power supply voltage
VREFH0
–0.3 to AVCC0 +0.3
V
Analog power supply voltage
AVCC0
–0.3 to +4.6
V
Analog input voltage
VAN
–0.3 to AVCC0 + 0.3
(when AN000 to AN004 and AN006 used)
–0.3 to VCC + 0.3
(when AN008 to AN015 used)
V
Operating temperature*2
Topr
–40 to +85
–40 to +105
°C
Storage temperature
Tstg
–55 to +125
°C
Table 5.2
Operating Conditions
Item
Symbol
Conditions
Min.
Typ.
Max.
Unit
Power supply voltages
VCC*1
When USB not used
1.8
—
3.6
V
When USB used
3.0
—
3.6
V
VSS
—
0
—
V
USB power supply voltages
VCC_USB
—
VCC
—
V
VSS_USB
—
0
—
V
Analog power supply voltages
AVCC0*1, *2
1.8
—
3.6
V
AVSS0
—
0
—
V
VREFH0
1.8
—
AVCC0
V
VREFL0
—
0
—
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com