Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

R5F52318BDFM Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F52318BDFM
Description  54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
PDF  177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52318BDFM Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F52318BDFM Datasheet HTML 35Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 36Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 37Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 38Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 39Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 40Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 41Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 42Page - Renesas Technology Corp R5F52318BDFM Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 177 page
background image
R01DS0261EJ0110 Rev.1.10
Page 39 of 177
Oct 30, 2015
RX230 Group, RX231 Group
3. Address Space
Figure 3.1
Memory Map in Each Operating Mode
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
Reserved area
*3
External address space
(CS area)
External address space
(CS area)
On-chip ROM (E2DataFlash)
Reserved area
*3
0000 0000h
0008 0000h
FFFF FFFFh
Single-chip mode*
1
RAM
*2
On-chip ROM (program ROM)
(read only)*
2
0010 0000h
Peripheral I/O registers
0010 2000h
0080 0000h
FFF8 0000h
Peripheral I/O registers
Peripheral I/O registers
007F C000h
007F C500h
007F FC00h
0001 0000h
0000 0000h
0008 0000h
FFFF FFFFh
On-chip ROM enabled
extended mode
RAM
*2
On-chip ROM (program ROM)
(read only)*
2
0010 0000h
Peripheral I/O registers
0010 2000h
On-chip ROM (E2DataFlash)
0080 0000h
0500 0000h
0800 0000h
FFF8 0000h
Peripheral I/O registers
Peripheral I/O registers
007F C000h
007F C500h
007F FC00h
0001 0000h
0000 0000h
0008 0000h
FFFF FFFFh
On-chip ROM disabled
extended mode
RAM
*2
0010 0000h
Peripheral I/O registers
0500 0000h
0800 0000h
FF00 0000h
0001 0000h
External address space
Note 1. The address space in boot mode and USB boot mode is the same as the address space in single-chip mode.
Note 2. The capacity of ROM/RAM differs depending on the products.
Note: See Table 1.3 and Table 1.4 List of Products, for the product type name.
Note 3. Reserved areas should not be accessed.
ROM (bytes)
RAM (bytes)
Capacity
Address
Capacity
Address
512 Kbytes
FFF8 0000h to FFFF FFFFh
64 Kbytes
0000 0000h to 0000 FFFFh
384 Kbytes
FFFA 0000h to FFFF FFFFh
256 Kbytes
FFFC 0000h to FFFF FFFFh
32 Kbytes
0000 0000h to 0000 7FFFh
128 Kbytes
FFFE 0000h to FFFF FFFFh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com