Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TPS-1 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # TPS-1
Description  Single Chip Interface Solution for PROFINET IO Devices
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

TPS-1 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button TPS-1 Datasheet HTML 17Page - Renesas Technology Corp TPS-1 Datasheet HTML 18Page - Renesas Technology Corp TPS-1 Datasheet HTML 19Page - Renesas Technology Corp TPS-1 Datasheet HTML 20Page - Renesas Technology Corp TPS-1 Datasheet HTML 21Page - Renesas Technology Corp TPS-1 Datasheet HTML 22Page - Renesas Technology Corp TPS-1 Datasheet HTML 23Page - Renesas Technology Corp TPS-1 Datasheet HTML 24Page - Renesas Technology Corp TPS-1 Datasheet HTML 25Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 39 page
background image
TPS-1
2. Electrical Specifications
R19DS0069EJ0105 Rev. 1.05
page 21 of 39
Dec 16, 2016
2.2.
Operating Conditions
Table 2-2: Recommended Operating Conditions (supply voltages)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Power supply for core (digital)
VDD10
0.9
1.0
1.1
V
Power supply for IO (digital)
VDD33
3.0
3.3
3.6
V
Power supply for PHYs (digital)
VDD15
1.35
1.5
1.65
V
Analog power supply for PHYs
AVDD_REG
3.0
3.3
3.6
V
Analog central 3.3V supply for
PHYs
VDDACB
3.0
3.3
3.6
V
Analog central 1.5V supply for
PHYs
VDDAPLL
1.35
1.5
1.65
V
PECL buffer power supply PHY 1
VDDQ_PECL_B1
3.0
3.3
3.6
V
PECL buffer power supply PHY 2
VDDQ_PECL_B2
3.0
3.3
3.6
V
Analog test supply
VDD33ESD
3.0
3.3
3.6
V
Analog power supply for PLL
PLL_AVDD
0.9
1.0
1.1
V
Ambient temperature
TA
-40
+85
0C
Table 2-3: Recommended Operating Conditions (input / output level)
Parameter
Symbol
Test Conditions
MIN.
TYP.
MAX.
Unit
Output voltage
high
3.3V CMOS
VOH
IOH= 0 mA
VDD33 –
0.1V
V
nominal output current
2.4
V
Output voltage
low
3.3V CMOS
VOL
IOL= 0 mA
0.1
V
nominal output current
0.4
V
Input voltage
high
3.3V CMOS
VIH
2
VDD33
V
3.3V PECL
Difference to
VDDQ_PECL_B(2:1)
-0.880
1.165
V
Input voltage
low
3.3V CMOS
VIL
0
0.8
V
3.3V PECL
Difference to
VDDQ_PECL_B(2:1)
-1.474
-1.880
V
Positive trigger
voltage
3.3V buffer
VP
1.2
2.4
V
Negative trigger
voltage
3.3V buffer
VN
0.6
1.8
V
Hysteresis
voltage
3.3V buffer
VH
0.3
1.5
V
Table 2-4: TPS-1 power consumption overview
Parameter
MIN.
TYP.
MAX.
Unit
Power
consumption
1.0 V
300
mW
1.5V
240
mW
3.3V
363
mW
Total:
800 Note
903
mW
Note: The power consumption of the TPS-1 is approx. 800mW (average).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com