Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLQP0048KB-B Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # PLQP0048KB-B
Description  32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
PDF  116 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PLQP0048KB-B Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button PLQP0048KB-B Datasheet HTML 35Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 36Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 37Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 38Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 39Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 40Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 41Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 42Page - Renesas Technology Corp PLQP0048KB-B Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 116 page
background image
R01DS0273EJ0100 Rev.1.00
Page 39 of 116
Oct 30, 2015
RX130 Group
4. I/O Registers
0008 C41Ah
RTC
Month Alarm Register
RMONAR
8
8
2 or 3 PCLKB
0008 C41Ah
RTC
Binary Counter 1 Alarm Enable Register
BCNT1AER
8
8
2 or 3 PCLKB
0008
C41Ch
RTC
Year Alarm Register
RYRAR
16
16
2 or 3 PCLKB
0008
C41Ch
RTC
Binary Counter 2 Alarm Enable Register
BCNT2AER
16
16
2 or 3 PCLKB
0008 C41Eh
RTC
Year Alarm Enable Register
RYRAREN
8
8
2 or 3 PCLKB
0008 C41Eh
RTC
Binary Counter 3 Alarm Enable Register
BCNT3AER
8
8
2 or 3 PCLKB
0008 C422h
RTC
RTC Control Register 1
RCR1
8
8
2 or 3 PCLKB
0008 C424h
RTC
RTC Control Register 2
RCR2
8
8
2 or 3 PCLKB
0008 C426h
RTC
RTC Control Register 3
RCR3
8
8
2 or 3 PCLKB
0008 C42Eh
RTC
Time Error Adjustment Register
RADJ
8
8
2 or 3 PCLKB
0008 C580h
CMPB
Comparator B Control Register 1
CPBCNT1
8
8
2 or 3 PCLKB
0008 C581h
CMPB
Comparator B Control Register 2
CPBCNT2
8
8
2 or 3 PCLKB
0008 C582h
CMPB
Comparator B Flag Register
CPBFLG
8
8
2 or 3 PCLKB
0008 C583h
CMPB
Comparator B Interrupt Control Register
CPBINT
8
8
2 or 3 PCLKB
0008 C584h
CMPB
Comparator B Filter Select Register
CPBF
8
8
2 or 3 PCLKB
0008 C585h
CMPB
Comparator B Mode Select Register
CPBMD
8
8
2 or 3 PCLKB
0008 C586h
CMPB
Comparator B Reference Input Voltage Select Register
CPBREF
8
8
2 or 3 PCLKB
0008 C587h
CMPB
Comparator B Output Control Register
CPBOCR
8
8
2 or 3 PCLKB
000A 0900h
CTSU
CTSU Control Register 0
CTSUCR0
8
8
1 or 2 PCLKB
000A 0901h
CTSU
CTSU Control Register 1
CTSUCR1
8
8
1 or 2 PCLKB
000A 0902h
CTSU
CTSU Synchronous Noise Reduction Setting Register
CTSUSDPRS
8
8
1 or 2 PCLKB
000A 0903h
CTSU
CTSU Sensor Stabilization Wait Control Register
CTSUSST
8
8
1 or 2 PCLKB
000A 0904h
CTSU
CTSU Measurement Channel Register 0
CTSUMCH0
8
8
1 or 2 PCLKB
000A 0905h
CTSU
CTSU Measurement Channel Register 1
CTSUMCH1
8
8
1 or 2 PCLKB
000A 0906h
CTSU
CTSU Channel Enable Control Register 0
CTSUCHAC0
8
8
1 or 2 PCLKB
000A 0907h
CTSU
CTSU Channel Enable Control Register 1
CTSUCHAC1
8
8
1 or 2 PCLKB
000A 0908h
CTSU
CTSU Channel Enable Control Register 2
CTSUCHAC2
8
8
1 or 2 PCLKB
000A 0909h
CTSU
CTSU Channel Enable Control Register 3
CTSUCHAC3
8
8
1 or 2 PCLKB
000A 090Ah
CTSU
CTSU Channel Enable Control Register 4
CTSUCHAC4
8
8
1 or 2 PCLKB
000A 090Bh
CTSU
CTSU Channel Transmit/Receive Control Register 0
CTSUCHTRC
0
8
8
1 or 2 PCLKB
000A 090Ch
CTSU
CTSU Channel Transmit/Receive Control Register 1
CTSUCHTRC
1
8
8
1 or 2 PCLKB
000A 090Dh
CTSU
CTSU Channel Transmit/Receive Control Register 2
CTSUCHTRC
2
8
8
1 or 2 PCLKB
000A 090Eh
CTSU
CTSU Channel Transmit/Receive Control Register 3
CTSUCHTRC
3
8
8
1 or 2 PCLKB
000A 090Fh
CTSU
CTSU Channel Transmit/Receive Control Register 4
CTSUCHTRC
4
8
8
1 or 2 PCLKB
000A 0910h
CTSU
CTSU High-Pass Noise Reduction Control Register
CTSUDCLKC
8
8
1 or 2 PCLKB
000A 0911h
CTSU
CTSU Status Register
CTSUST
8
8
1 or 2 PCLKB
000A 0912h
CTSU
CTSU High-Pass Noise Reduction Spectrum Diffusion Control Register
CTSUSSC
16
16
1 or 2 PCLKB
000A 0914h
CTSU
CTSU Sensor Offset Register 0
CTSUSO0
16
16
1 or 2 PCLKB
000A 0916h
CTSU
CTSU Sensor Offset Register 1
CTSUSO1
16
16
1 or 2 PCLKB
000A 0918h
CTSU
CTSU Sensor Counter
CTSUSC
16
16
1 or 2 PCLKB
000A 091Ah
CTSU
CTSU Reference Counter
CTSURC
16
16
1 or 2 PCLKB
000A 091Ch
CTSU
CTSU Error Status Register
CTSUERRS
16
16
1 or 2 PCLKB
007F C090h
FLASH
E2 DataFlash Control Register
DFLCTL
8
8
2 or 3 FCLK
007F
C0ACh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRL
8
8
1 or 2 PCLKB
007F
C0ADh
TEMPS
Temperature Sensor Calibration Data Register
TSCDRH
8
8
1 or 2 PCLKB
007F
C0B0h
FLASH
Flash Start-Up Setting Monitor Register
FSCMR
16
16
2 or 3 PCLKB
Table 4.1
List of I/O Registers (Address Order) (15 / 16)
Address
Module
Symbol
Register Name
Register
Symbol
Number
of Bits
Access
Size
Number of Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com