Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45R2K-B Datasheet(PDF) 41 Page - Holtek Semiconductor Inc

Part # HT45R2K-B
Description  Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45R2K-B Datasheet(HTML) 41 Page - Holtek Semiconductor Inc

Back Button HT45R2K-B Datasheet HTML 37Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 38Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 39Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 40Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 41Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 42Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 43Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 44Page - Holtek Semiconductor Inc HT45R2K-B Datasheet HTML 45Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 105 page
background image
Rev. 1.40
40
�a��� 1�� �01�
Rev. 1.40
41
�a��� 1�� �01�
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
HT45R2K-C/-B/-A
Dual Slope 16K/8K/4K ASSP MCU for Body Fat Scale
Input/Output Ports
HoltekmicrocontrollersofferconsiderableflexibilityontheirI/Oports.Mostpinscanhaveeitheran
inputoroutputdesignationunderuserprogramcontrol.Additionally,astherearepull-highresistors
andwake-upsoftwareconfigurations,theuserisprovidedwithanI/Ostructuretomeettheneedsof
awiderangeofapplicationpossibilities.
Forinputoperation,theseportsarenon-latching,whichmeanstheinputsmustbereadyattheT2
risingedgeofinstruction"MOVA,[m]",wheremdenotestheportaddress.Foroutputoperation,
allthedataislatchedandremainsunchangeduntiltheoutputlatchisrewritten.
I/O Register List
Register
Name
POR
Bit
7
6
5
4
3
2
1
0
PAWK
00H
PAWK7
PAWK6
PAWK�
PAWK4
PAWK3
PAWK�
PAWK1
PAWK0
PAC
FFH
PAC7
PAC6
PAC�
PAC4
PAC3
PAC�
PAC1
PAC0
PAPU
00H
—
PAPU6
PAPU�
PAPU4
PAPU3
PAPU�
PAPU1
PAPU0
PBC
3FH
—
—
PBC�
PBC4
PBC3
PBC�
PBC1
PBC0
PBPU
00H
—
—
PBPU�
PBPU4
PBPU3
PBPU�
PBPU1
PBPU0
PCC
FFH
PCC7
PCC6
PCC�
PCC4
PCC3
PCC�
PCC1
PCC0
PCPU
FFH
PCPU7
PCPU6
PCPU�
PCPU4
PCPU3
PCPU�
PCPU1
PCPU0
Pull-high Resistors
Manyproductapplicationsrequirepull-highresistorsfortheirswitchinputsusuallyrequiringthe
useofanexternalresistor.Toeliminatetheneedfortheseexternalresistors,whenconfiguredas
aninputhavethecapabilityofbeingconnectedtoaninternalpull-highresistor.Thesepull-high
resistorsareselectableviaaregisterknownasPAPU,PBPUandPCPUlocatedintheDataMemory.
Thepull-highresistorsareimplementedusingweakPMOStransistors.NotethatpinPA7doesnot
haveapull-highresistorselection.
PAPU Register
Bit
7
6
5
4
3
2
1
0
Name
—
PAPU6
PAPU�
PAPU4
PAPU3
PAPU�
PAPU1
PAPU0
R/W
—
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
0
0
0
0
0
0
0
Bit7
Unimplemented,readas“0”
Bit6~0
PAPU:I/OPortbit6~bit0Pull-HighControl
0:Disable
1:Enable
PBPU Register
Bit
7
6
5
4
3
2
1
0
Name
—
—
PBPU�
PBPU4
PBPU3
PBPU�
PBPU1
PBPU0
R/W
—
—
R/W
R/W
R/W
R/W
R/W
R/W
POR
—
—
0
0
0
0
0
0
Bit7~6
Unimplemented,readas“0”
Bit5~0
PBPU:I/OPortbit5~bit0Pull-HighControl
0:Disable
1:Enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com