Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M052LDN Datasheet(PDF) 45 Page - List of Unclassifed Manufacturers

Part # M052LDN
Description  32-bit Microcontroller
PDF  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M052LDN Datasheet(HTML) 45 Page - List of Unclassifed Manufacturers

Back Button M052LDN Datasheet HTML 41Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 42Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 43Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 44Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 45Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 46Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 47Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 48Page - List of Unclassifed Manufacturers M052LDN Datasheet HTML 49Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 86 page
background image
M051 DN/DE
Oct. 05, 2015
Page 45 of 86
Rev 1.03
6.8.2
Features
PWM function:
PWM group has two PWM generators. Each PWM generator supports one 8-bit prescaler, one
clock divider, two PWM-Timers (down counter), one dead-zone generator and two PWM outputs.
Up to 2 PWM groups (PWMA/PWMB) to support 8 PWM channels or 4 complementary
PWM paired channels
Each PWM group has two PWM generators with each PWM generator supporting one 8-bit
prescaler, two clock dividers, two PWM-Timers, one Dead-zone generator and two PWM
outputs.
Up to 16-bit resolution
One-shot or Auto-reload mode
Edge-aligned type or Center-aligned type option
PWM trigger ADC start-to-conversion
Capture function:
Timing control logic shared with PWM generators
Supports 8 Capture input channels shared with 8 PWM output channels
Each channel supports one rising latch register (CRLRx), one falling latch register (CFLRx)
and Capture interrupt flag (CAPIFx)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com