Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LVC3G14DP Datasheet(PDF) 17 Page - NXP Semiconductors

Part # 74LVC3G14DP
Description  Triple inverting Schmitt trigger with 5 V tolerant input
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74LVC3G14DP Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button 74LVC3G14DP Datasheet HTML 9Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 10Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 11Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 12Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 13Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 14Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 15Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 16Page - NXP Semiconductors 74LVC3G14DP Datasheet HTML 17Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
© Koninklijke Philips Electronics N.V. 2005
All rights are reserved. Reproduction in whole or in part is prohibited without the prior
written consent of the copyright owner. The information presented in this document does
not form part of any quotation or contract, is believed to be accurate and reliable and may
be changed without notice. No liability will be accepted by the publisher for any
consequence of its use. Publication thereof does not convey nor imply any license under
patent- or other industrial or intellectual property rights.
Date of release: 31 January 2005
Document number: 9397 750 14543
Published in The Netherlands
Philips Semiconductors
74LVC3G14
Triple inverting Schmitt trigger with 5 V tolerant input
24. Contents
1
General description . . . . . . . . . . . . . . . . . . . . . . 1
2
Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
3
Applications . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1
4
Quick reference data . . . . . . . . . . . . . . . . . . . . . 2
5
Ordering information . . . . . . . . . . . . . . . . . . . . . 2
6
Marking . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2
7
Functional diagram . . . . . . . . . . . . . . . . . . . . . . 3
8
Pinning information . . . . . . . . . . . . . . . . . . . . . . 3
8.1
Pinning . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3
8.2
Pin description . . . . . . . . . . . . . . . . . . . . . . . . . 4
9
Functional description . . . . . . . . . . . . . . . . . . . 4
9.1
Function table . . . . . . . . . . . . . . . . . . . . . . . . . . 4
10
Limiting values. . . . . . . . . . . . . . . . . . . . . . . . . . 4
11
Recommended operating conditions. . . . . . . . 5
12
Static characteristics. . . . . . . . . . . . . . . . . . . . . 5
13
Dynamic characteristics . . . . . . . . . . . . . . . . . . 7
14
Waveforms . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
15
Transfer characteristics. . . . . . . . . . . . . . . . . . . 9
16
Waveforms transfer characteristics . . . . . . . . 10
17
Application information. . . . . . . . . . . . . . . . . . 11
18
Package outline . . . . . . . . . . . . . . . . . . . . . . . . 12
19
Revision history . . . . . . . . . . . . . . . . . . . . . . . . 15
20
Data sheet status . . . . . . . . . . . . . . . . . . . . . . . 16
21
Definitions . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
22
Disclaimers . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
23
Contact information . . . . . . . . . . . . . . . . . . . . 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com