Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT24LC04 Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT24LC04
Description  CMOS 4K 2-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT24LC04 Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT24LC04_14 Datasheet HTML 1Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 2Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 3Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 4Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 5Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 6Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 7Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 8Page - Holtek Semiconductor Inc HT24LC04_14 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Rev. 1.80
4
January 16, 2014
HT24LC04
Functional Description
• Serialclock–SCL
TheSCLinputisusedforpositiveedgeclock
dataintoeachEEPROMdeviceandnegativeedge
clockdataoutofeachdevice.
• Serialdata–SDA
The SDA pin is bidirectional for serial data
transfer.Thepinisopen-draindrivenandmaybe
wired-ORwithanynumberofotheropen-drainor
opencollectordevices.
• AddressInputs–A0,A1,A2
TheHT24LC04usestheA2andA1inputsforhard
wireaddressingandatotaloffour4Kdevicesmay
beaddressedonasinglebussystem.TheA0pinis
notconnected.(Thedeviceaddressingisdiscussed
indetailundertheDeviceAddressingsection).The
codefortheselecteddeviceissetupbyconnecting
theseinputstoeitherVSSorVCC.IfA1,A2pins
areleftunconnectedinafloatingstatewillbe
internallyreadashavingalowinput,VSS,value.
• Writeprotect–WP
The HT24LC04 has a write protect pin that
provides hardwaredataprotection.Thewrite
protectpinallowsnormalread/writeoperations
whenconnectedtoVSSorleftfloating.Whenthe
writeprotectpinisconnectedtoVCC,thewrite
protectionfeatureisenabledandoperatesasshown
inthefollowingtable.
WP Pin Status
Protect Array
VCC
Full Array (4K)
VSS or floating
Normal Read/Write Operations
Memory Organization
• HT24LC04,4KSerialEEPROM
Internallyorganizedwith5128-bitwords,random
wordaddressingrequiresa9-bitdatawordaddress.
Device Operations
• Clockanddatatransition
Datatransfermaybeinitiatedonlywhenthebusis
notbusy.Duringdatatransfer,thedatalinemust
remainstablewhenevertheclocklineishigh.
Changesindatalinewhiletheclocklineishigh
willbeinterpretedasaSTARTorSTOPcondition.
• Startcondition
Ahigh-to-lowtransitionofSDAwithSCLhigh
isastartconditionwhichmustprecedeanyother
command (refer to Start and Stop Definition
Timingdiagram).
• Stopcondition
Alow-to-hightransitionofSDAwithSCLhighis
astopcondition.Afterareadsequence,thestop
commandwillplacetheEEPROMinastandby
powermode(refertoStartandStopDefinition
TimingDiagram).
• Acknowledge
All addresses and data words are serially
transmittedtoandfromtheEEPROMin8-bit
words.TheEEPROMsendsazerotoacknowledge
thatithasreceivedeachword.Thishappensduring
theninthclockcycle.
SC L
SD A
Da ta a ll ow ed
to c hange
A ddr e ss or
a ck now l edge
va li d
St op
co nd it io n
St ar t
c ondi ti on
No A CK
st at e
Device Addressing
The4KEEPROMdevicesrequirean8-bitdevice
addresswordfollowingastartconditiontoenablethe
chipforareadorwriteoperation.Thedeviceaddress
wordconsistofamandatoryone,zerosequencefor
thefirstfourmostsignificantbits(refertothediagram
showingtheDeviceAddress).Thisiscommontoall
theEEPROMdevice.
ThenextthreebitsaretheA2,A1andA0device
addressbitsforthe1K/2KEEPROM.Thesethreebits
mustcomparetotheircorrespondinghardwiredinput
pins.
The4KEEPROMonlyusetheA2andA1device
addressbitswiththethirdbitasamemorypage
addressbit.Thetwodeviceaddressbitsmustcompare
totheircorrespondinghardwiredinputpins.TheA0
pinisnotconnected.
The 8th bit of device address is the read/write
operationselectbit.Areadoperationisinitiatedifthis
bitishighandawriteoperationisinitiatedifthisbit
islow.
Ifthecomparisonofthedeviceaddresssucceedthe
EEPROMwilloutputazeroatACKbit.Ifnot,the
chipwillreturntoastandbystate.
R/ W
10
A2
A1
A0
De vi ce A ddr es s
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com