Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HT45B0F Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT45B0F
Description  SPI-to-UART Bridge
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT45B0F Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT45B0F_12 Datasheet HTML 1Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 2Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 3Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 4Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 5Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 6Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 7Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 8Page - Holtek Semiconductor Inc HT45B0F_12 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
VDD Slew Rate for POR
¾¾
0.0034
¾¾
V/ms
fCLKI
System Clock
(External Clock Input)
2.0V
¾
400
¾
12000
kHz
2.7V
¾
400
¾
16000
kHz
5.0V
¾
400
¾
20000
kHz
tCP
SCK Period (tCH +tCL)
2.0V
¾
83.3
¾¾
ns
2.7V
¾
62.5
¾¾
ns
3.0V
¾
62.5
¾¾
ns
5.0V
¾
50.0
¾¾
ns
tCH
SCK High Time
2.0V
¾
37
¾¾
ns
2.7V
¾
28
¾¾
ns
3.0V
¾
28
¾¾
ns
5.0V
¾
22
¾¾
ns
tCL
SCK Low Time
2.0V
¾
37
¾¾
ns
2.7V
¾
28
¾¾
ns
3.0V
¾
28
¾¾
ns
5.0V
¾
22
¾¾
ns
tCSW
SCS High Pulse Width
2.0V
¾
667
¾¾
ns
2.7V
¾
500
¾¾
ns
3.0V
¾
500
¾¾
ns
5.0V
¾
400
¾¾
ns
tCSS
SCS to SCK Setup Time
¾¾
100
¾¾
ns
tCSH
SCS to SCK Hold Time
¾¾
0
¾¾
ns
tSDS
SDI to SCK Setup Time
¾¾
100
¾¾
ns
tSDH
SDI to SCK Hold Time
¾¾
0
¾¾
ns
tR
SPI Output Rise Time
¾¾
¾
10
¾
ns
tF
SPI Output Fall Time
¾¾
¾
10
¾
ns
tW
SPI Data Output Delay Time
¾¾
0
¾¾
ns
tINT
INT Pin Low Pulse Signal Output Time
¾¾
1
¾¾
tCLKI
HT45B0F
Rev. 1.10
4
September 24, 2012



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com